Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT6502 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPT6502
Description  HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT6502 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPT6502 Datasheet HTML 1Page - Solid States Devices, Inc SPT6502 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SPT6502

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
logo
Solid State Optronic
SPT601 SSOUSA-SPT601 Datasheet
211Kb / 5P
DC Input PhotoSCR
logo
Solid States Devices, I...
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060/3 SSDI-SPT6060/3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6233 SSDI-SPT6233 Datasheet
162Kb / 2P
5 AMP 250 - 350 Volts NPN Transistor
More results

Similar Description - SPT6502

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2310 NTE-NTE2310 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2319 NTE-NTE2319 Datasheet
26Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Power Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
logo
Continental Device Indi...
BUF508A CDIL-BUF508A Datasheet
116Kb / 3P
NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com