Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLS216 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KLS216
Description  LED CHASER LIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KLS216 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KLS216 Datasheet HTML 1Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 2Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 3Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 4Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 5Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 6Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 7Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 8Page - List of Unclassifed Manufacturers KLS216 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright 2002 Knightlight
www.knightlight.co.uk
May 2002
KNIGHTLIGHT
KLS2 16 LED CHASER LIGHT
C
General Description
The KLS2 Chaser Light is available in Red,
Green, Amber, Blue and White using
5mm T1¾ LED’s. A length of wire is
attached to the light for ease of
installation. The lights can be used as it
stands or other modules can be daisy
chained to makea longer light effect.
Features
Applications
?
?
?
?
?
Fading trail effect
Refresh rates in excess of 8000Hz
Can be configured for external inputs
Automotive Security Light for the dash.
Decorative Light fora PC
Wiring Diagram
The KLS2 Chaser Light comes with 80cm or more of both Yellow and black wire,
soldered to the light at one end and the other end is bare tinned wire.
Operating Ratings
Configuration Options
Voltage Input
6-12V
Temerature
-10C to +70c
Supply current
<100mA
Colour
r
= Red
g
= Green
b
= Blue
a
= Amber
w
= White
Noise Suppression Option
IMU = Supression Fitted
PC= No Supression Fitted
How the LED’s are mounted
<none>= Monted on edge
t
= Monted on Top
b
= Monted on Bottom
w
= 16 inch wires.
KLS2c-xx-yy
c
xx
yy
+V
0V
Page1 of9


Similar Part No. - KLS216

ManufacturerPart #DatasheetDescription
logo
Lumberg
KLS2 LUMBERG-KLS2 Datasheet
446Kb / 3P
Jack connectors
KLS22 LUMBERG-KLS22 Datasheet
912Kb / 3P
Jack connectors
More results

Similar Description - KLS216

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
Light LED
LTW-K140SZR30 LITEON-LTW-K140SZR30 Datasheet
715Kb / 19P
Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com