Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF080 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST39VF080
Description  8 Mbit (x8) Multi-Purpose Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF080 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST39VF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
EOL Data Sheet
8 Mbit Multi-Purpose Flash
SST39LF080 / SST39VF080
©2007 Silicon Storage Technology, Inc.
S71146-07-EOL
6/07
TABLE
6: SYSTEM INTERFACE INFORMATION FOR SST39LF/VF080
Address
Data
Data
1BH
27H1
VDD Min (Program/Erase)
30H1
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
36H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
00H
VPP min (00H = no VPP pin)
1EH
00H
VPP max (00H = no VPP pin)
1FH
04H
Typical time out for Byte-Program 2N µs (24 = 16 µs)
20H
00H
Typical time out for min size buffer program 2N µs (00H = not supported)
21H
04H
Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms)
22H
06H
Typical time out for Chip-Erase 2N ms (26 = 64 ms)
23H
01H
Maximum time out for Byte-Program 2N times typical (21 x 24 = 32 µs)
24H
00H
Maximum time out for buffer program 2N times typical
25H
01H
Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms)
26H
01H
Maximum time out for Chip-Erase 2N times typical (21 x 26 = 128 ms)
T6.2 1146
1. 0030H for SST39LF080 and 0027H for SST39VF080
TABLE
7: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF080
Address
Data
Data
27H
14H
Device size = 2N Bytes (14H = 20; 220 = 1 MByte)
28H
00H
Flash Device Interface description; 0000H = x8-only asynchronous interface
29H
00H
2AH
00H
Maximum number of bytes in multi-byte write = 2N (00H = not supported)
2BH
00H
2CH
02H
Number of Erase Sector/Block sizes supported by device
2DH
FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
00H
y = 255 + 1 = 256 sectors (00FFH = 255)
2FH
10H
30H
00H
z = 16 x 256 Bytes = 4 KByte/sector (0010H = 16)
31H
0FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
00H
y = 15 + 1 = 16 blocks (000FH = 15)
33H
00H
34H
01H
z = 256 x 256 Bytes = 64 KByte/block (0100H = 256)
T7.0 1146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com