Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC201ACN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC201ACN
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC201ACN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC201ACN Datasheet HTML 8Page - Linear Technology LTC201ACN Datasheet HTML 9Page - Linear Technology LTC201ACN Datasheet HTML 10Page - Linear Technology LTC201ACN Datasheet HTML 11Page - Linear Technology LTC201ACN Datasheet HTML 12Page - Linear Technology LTC201ACN Datasheet HTML 13Page - Linear Technology LTC201ACN Datasheet HTML 14Page - Linear Technology LTC201ACN Datasheet HTML 15Page - Linear Technology LTC201ACN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC201A/LTC202/LTC203
13
201a23fb
PACKAGE DESCRIPTIO
J Package
16-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
OBSOLETE PACKAGE
J16 0801
.015 – .060
(0.380 – 1.520)
.100
(2.54)
BSC
.014 – .026
(0.360 – 0.660)
.045 – .065
(1.143 – 1.651)
.200
(5.080)
MAX
.125
(3.175)
MIN
.008 – .018
(0.203 – 0.457)
0° – 15°
1
23
4
5
6
78
.220 – .310
(5.588 – 7.874)
.840
(21.336)
MAX
.005
(0.127)
MIN
16
13
9
10
11
12
14
15
.025
(0.635)
RAD TYP
.300 BSC
(7.62 BSC)
.045 – .065
(1.143 – 1.65)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com