Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080CDG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC080CDG4
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080CDG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC080CDG4 Datasheet HTML 10Page - Texas Instruments TLC080CDG4 Datasheet HTML 11Page - Texas Instruments TLC080CDG4 Datasheet HTML 12Page - Texas Instruments TLC080CDG4 Datasheet HTML 13Page - Texas Instruments TLC080CDG4 Datasheet HTML 14Page - Texas Instruments TLC080CDG4 Datasheet HTML 15Page - Texas Instruments TLC080CDG4 Datasheet HTML 16Page - Texas Instruments TLC080CDG4 Datasheet HTML 17Page - Texas Instruments TLC080CDG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
14
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 17
DIFFERENTIAL VOLTAGE GAIN AND
PHASE
vs
FREQUENCY
0
1k
10k
20
50
1M
10M
f − Frequency − Hz
Gain
80
70
60
40
30
10
100k
−10
−20
100M
−180
−135
0
−45
−90
−225
Phase
VDD = ±2.5 V
RL = 10 kΩ
CL = 0 pF
TA = 25°C
Figure 18
DIFFERENTIAL VOLTAGE GAIN AND
PHASE
vs
FREQUENCY
0
1k
10k
20
50
1M
10M
f − Frequency − Hz
Gain
80
70
60
40
30
10
100k
−10
−20
100M
−180
−135
0
−45
−90
−225
Phase
VDD = ±6 V
RL = 10 kΩ
CL = 0 pF TA
= 25
°C
Figure 19
PHASE MARGIN
vs
LOAD CAPACITANCE
10
°
10
20
°
35
°
CL − Load Capacitance − pF
30
°
25
°
15
°
100
5
°
0
°
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 5 V
RL = 10 kΩ
TA = 25°C
40
°
Figure 20
PHASE MARGIN
vs
LOAD CAPACITANCE
10
°
10
20
°
35
°
CL − Load Capacitance − pF
30
°
25
°
15
°
100
5
°
0
°
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 12 V
RL = 10 kΩ
TA = 25°C
40
°
45
°
Figure 21
GAIN MARGIN
vs
LOAD CAPACITANCE
1
10
2
4
CL − Load Capacitance − pF
3.5
2.5
1.5
100
0.5
0
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 5 V
RL = 10 kΩ
TA = 25°C
3
Figure 22
GAIN MARGIN
vs
LOAD CAPACITANCE
1
10
2
3.5
CL − Load Capacitance − pF
3
2.5
1.5
100
0.5
0
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 12 V
RL = 10 kΩ
TA = 25°C
4
4.5
5
Figure 23
9.0
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
456789 10 11 12 13 14 15 16
CL = 11 pF
TA = 25°C
GAIN BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
RL = 10 kΩ
RL = 600 Ω
Figure 24
12
13
14
15
16
17
18
19
20
21
22
456789 10 11 12 13 14 15 16
SLEW RATE
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
RL = 600 Ω and 10 kΩ
CL = 50 pF
AV = 1
Slew Rate +
Slew Rate −



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com