Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST29SF040 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST29SF040
Description  2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST29SF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
2 Mbit / 4 Mbit Small-Sector Flash
SST29SF020 / SST29SF040
SST29VF020 / SST29VF040
13
©2005 Silicon Storage Technology, Inc.
S71160-13-000
10/06
FIGURE 8: TOGGLE BIT TIMING DIAGRAM
FIGURE 9: WE# Controlled Sector-Erase Timing Diagram
1160 F07.1
ADDRESS AMS-0
DQ6
WE#
OE#
CE#
TOE
TOEH
TCE
TOES
TWO READ CYCLES
WITH SAME OUTPUTS
Note: AMS = Most significant address
AMS = A17 for SST29SF/VF020 and A18 for SST29SF/VF040
1160 F08.1
ADDRESS AMS-0
DQ7-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
555
2AA
2AA
555
555
55
20
55
AA
80
AA
SAX
OE#
CE#
SIX-BYTE CODE FOR SECTOR-ERASE
TSE
TWP
Note: This device also supports CE# controlled Sector-Erase operation The WE# and CE# signals are interchangeable as
long as minimum timings are met. (See Table 11)
AMS = Most significant address
AMS = A17 for SST29SF/VF020 and A18 for SST29SF/VF040
SAX = Sector Address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com