Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080CDR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080CDR
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080CDR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC080CDR Datasheet HTML 11Page - Texas Instruments TLC080CDR Datasheet HTML 12Page - Texas Instruments TLC080CDR Datasheet HTML 13Page - Texas Instruments TLC080CDR Datasheet HTML 14Page - Texas Instruments TLC080CDR Datasheet HTML 15Page - Texas Instruments TLC080CDR Datasheet HTML 16Page - Texas Instruments TLC080CDR Datasheet HTML 17Page - Texas Instruments TLC080CDR Datasheet HTML 18Page - Texas Instruments TLC080CDR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
15
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 25
0
5
10
15
20
25
−55 −35 −15
5
25
45
65
85 105 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VDD = 5 V
RL= 600 Ω and 10 kΩ
CL = 50 pF
AV = 1
Slew Rate +
Slew Rate −
Figure 26
0
5
10
15
20
25
−55 −35 −15
5
25
45
65
85 105 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VDD = 12 V
RL= 600 Ω and 10 kΩ
CL = 50 pF
AV = 1
Slew Rate +
Slew Rate −
Figure 27
TOTAL HARMONIC DISTORTION
PLUS NOISE
vs
FREQUENCY
0.001
100
1k
0.01
0.1
10k
100k
f − Frequency − Hz
AV = 100
AV = 10
AV = 1
1
VDD = 5 V
VO(PP) = 2 V
RL = 10 kΩ
Figure 28
TOTAL HARMONIC DISTORTION
PLUS NOISE
vs
FREQUENCY
0.001
100
1k
0.01
0.1
10k
100k
f − Frequency − Hz
AV = 100
VDD = 12 V
VO(PP) = 8 V
RL = 10 kΩ
AV = 10
AV = 1
Figure 29
TOTAL HARMONIC DISTORTION
PLUS NOISE
vs
PEAK-TO-PEAK OUTPUT VOLTAGE
0.0001
0.25
0.75
0.01
0.1
1.25 1.75
VO(PP) − Peak-to-Peak Output Voltage − V
2.25
2.75
3.25 3.75
0.001
1
10
VDD = 5 V
AV = 1
f = 1 kHz
RL = 250 Ω
RL = 600 Ω
RL = 10 kΩ
Figure 30
TOTAL HARMONIC DISTORTION
PLUS NOISE
vs
PEAK-TO-PEAK OUTPUT VOLTAGE
0.0001
0.5
2.5
0.01
0.1
4.5
6.5
VO(PP) − Peak-to-Peak Output Voltage − V
8.5
10.5
0.001
1
10
VDD = 12 V
AV = 1
f = 1 kHz
RL = 250 Ω
RL = 600 Ω
RL = 10 kΩ
Figure 31
t − Time −
µs
0
0.2 0.4 0.6 0.8
1
1.2
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
1.4 1.6 1.8
2
VI (1 V/Div)
VO (500 mV/Div)
VDD = 5 V
RL = 600 Ω
and 10 k
Ω
CL = 8 pF
TA = 25°C
Figure 32
t − Time −
µs
0
0.2 0.4 0.6 0.8
1
1.2
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
1.4 1.6 1.8
2
VI (5 V/Div)
VO (2 V/Div)
VDD = 12 V
RL = 600 Ω
and 10 k
Ω
CL = 8 pF
TA = 25°C
Figure 33
SMALL SIGNAL FOLLOWER PULSE
RESPONSE
0
0.1
0.3 0.4
t − Time −
µs
0.2
0.5 0.6 0.7 0.8 0.9 0.10
VO(50mV/Div)
VI(100mV/Div)
VDD = 5 V and 12 V
RL = 600 Ω and 10 kΩ
CL = 8 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com