Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC221 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC221
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC221 Datasheet HTML 3Page - Linear Technology LTC221 Datasheet HTML 4Page - Linear Technology LTC221 Datasheet HTML 5Page - Linear Technology LTC221 Datasheet HTML 6Page - Linear Technology LTC221 Datasheet HTML 7Page - Linear Technology LTC221 Datasheet HTML 8Page - Linear Technology LTC221 Datasheet HTML 9Page - Linear Technology LTC221 Datasheet HTML 10Page - Linear Technology LTC221 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC201A/LTC202/LTC203
7
201a23fb
CCRR-Channel to Channel Crosstalk Test Circuit
OIRR-Off Isolation Test Circuit
In-Circuit ESD Test Circuit
Micropower, 4.5V to 15V Input,
Voltage Doubler Using the LTC203
V +
V –
0.1µF
0.1µF
1.5kΩ
15V
GND
S OR D
– 15V
PER MIL-STD-883C
METHOD 3015.2
ESD TESTER
LTC201A/
LTC202/
LTC203
± 4kV
100pF
ANY SOURCE OR DRAIN PIN
POWER APPLIED
OR OPEN CIRCUIT
LT201_202_203 • AI07
SIGNAL
GENERATOR
VS = 2VP-P
VIN
VIN
IN1
IN2
RL
V +
V –
C
C
f = 100kHz
CHAN A
ANALYZER
CHAN B
1kΩ
50Ω
3V
0V
NC
NO
15V
VS1
VL
VD1
VS1
VD2
CCRR = 20 LOG
LT201_202_203 • AI06
C = 0.001µF//0.1µF
CHIP CAPACITORS
GND
– 15V
3
NC
VD2
VS2
VIN
SIGNAL
GENERATOR
GND
VS
VS = 2VP-P
NX
VIN
VO
VD
VIN
RL
V +
V –
VD
15V
– 15V
C
C
f = 100kHz
CHAN A
ANALYZER
CHAN B
1kΩ
LT201_202_203 • AI05
3V
0V
OIRR = 20 LOG
NC
NO
C = 0.001µF//0.1µF
CHIP CAPACITORS
APPLICATIO S I FOR ATIO
LTC203
V +
V –
1µF
10µF
1000pF
1µF
1MΩ
330k
GND
S2
S1
S4
IN3
IN2
IN1
IN4
S3
D1
D3
D2
D4
VOUT = 2VIN
VIN
1/4 74C14
1N4148
14
VIN
ROUT
VOUT, NO LOAD
IQ
4.5V
8.988V(12mV Error)
29.96V(40mV Error)
15V
20µA
1.2k
600Ω
130µA
LT201_202_203 • AI08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com