Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322003. Datasheet(PDF) 1 Page - Littelfuse

Part # 322003.
Description  Axial Lead and Cartridge Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

322003. Datasheet(HTML) 1 Page - Littelfuse

  322003. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
438
www .littelfuse .com
Special
3AB Very Fast-Acting Fuse 322 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1– 30
4 hours, Minimum
250%
1–10
.2 second, Maximum
12– 30
1 second, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories from
1 through 10 amperes at 250 VAC/65 VDC, 12 through 30 amperes at 65
VAC/VDC.
INTERUPTING RATINGS:
1-10A
10,000A @ 125 VAC
100A @ 250 VAC
12-30A
200A @ 65 VAC
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
Voltage
Resistance
Number
Rating
Rating
Cold Ohms
322 001
1
250
0.26
322 1.25
11/4
250
0.175
322 002
2
250
0.132
322 003
3
250
0.063
322 004
4
250
0.044
322 005
5
250
0.035
322 006
6
250
0.027
322 007
7
250
0.022
322 008
8
250
0.019
322 009
9
250
0.016
322 010
10
250
0.0135
322 012
12
65
0.0052
322 015
15
65
0.0043
322 020
20
65
0.0034
322 025
25
65
0.0029
322 030
30
65
0.0023
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
110%
4 hours, Minimum
135%
1 hour, Maximum
200%
10 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories.
DESIGN STANDARDS: UL Standard 275. SAE (Society of
Automotive Engineers) J554.
ORDERING INFORMATION:
Nominal
Catalog
Ampere
Voltage
Resistance
Fuse
Number
Rating
Rating
Cold Ohms
Length
307 004
4
32
0.0220
15.875 (5/8")
307 006
6
32
0.0144
19.05 (3/4")
307 07.5
71/2
32
0.0113
22.23 (7/8")
307 009
9
32
0.00945
22.23 (7/8")
307 014
14
32
0.0055
26.99 (11/16")
307 020
20
32
0.0034
31.75 (11/4")
307 030
30
32
0.0021
36.51 (17/16")
LOW VOLTAGE
SFE Fast-Acting Type 307 Series
®
UL
For protection of silicon controlled rectifiers and similar solid-state devices.
307 000 Series
6.35 (.25")
SEE
CHART
322 000 Series
6.35 (.25")
31.75
(1.25")
®


Similar Part No. - 322003.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322003 LITTELFUSE-322003 Datasheet
86Kb / 1P
Axial Lead and Cartridge Fuses
322003P LITTELFUSE-322003P Datasheet
61Kb / 1P
Axial Lead and Cartridge Fuses - Special
More results

Similar Description - 322003.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
272 LITTELFUSE-272 Datasheet
93Kb / 1P
Axial Lead and Cartridge Fuses
LT-5 LITTELFUSE-LT-5 Datasheet
91Kb / 1P
Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
Axial Lead and Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com