Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 49 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 49 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 41Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 42Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 43Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 44Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 45Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 46Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 47Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 48Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 49Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
49
©2006 Silicon Storage Technology, Inc.
S71235-02-000
5/06
FIGURE 39: 32-lead Thin Small Outline Package (TSOP) 8mm x 14mm
SST Package Code: WH
TABLE 24: Revision History
Number
Description
Date
00
•
Initial release
(SST49LF080A previously released in data sheet S71206)
Apr 2003
01
•
Added statement that non-Pb devices are RoHS compliant to Features section
•
Updated Surface Mount Solder Reflow Temperature information
•
Added footnote to Product Ordering Information section
•
Removed leaded part numbers
Jan 2006
02
•
Updated Table 5 on page 12
May 2006
32-tsop-WH-7
Note:
1. Complies with JEDEC publication 95 MO-142 BA dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
1.20
max.
1mm
Pin # 1 Identifier
12.50
12.30
14.20
13.80
0.70
0.50
8.10
7.90
0.27
0.17
0.50
BSC
1.05
0.95
0.15
0.05
0.70
0.50
0˚- 5˚
DETAIL
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com