Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC487 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC487
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC487 Datasheet(HTML) 2 Page - Linear Technology

  LTC487 Datasheet HTML 1Page - Linear Technology LTC487 Datasheet HTML 2Page - Linear Technology LTC487 Datasheet HTML 3Page - Linear Technology LTC487 Datasheet HTML 4Page - Linear Technology LTC487 Datasheet HTML 5Page - Linear Technology LTC487 Datasheet HTML 6Page - Linear Technology LTC487 Datasheet HTML 7Page - Linear Technology LTC487 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC487
2
ELECTRICAL C
C
HARA TERISTICS
C
D
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) ............................................... 12V
Control Input Voltages .................... – 0.5V to VCC + 0.5V
Driver Input Voltages ...................... – 0.5V to VCC + 0.5V
Driver Output Voltages ..........................................
±14V
Control Input Currents ........................................
±25mA
Driver Input Currents ..........................................
±25mA
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DI1
DO1A
DO1B
EN12
DO2B
DO2A
DI2
GND
DI3
DO3A
DO3B
EN34
DO4B
DO4A
DI4
V
N PACKAGE
16-LEAD PLASTIC DIP
TOP VIEW
CC
S PACKAGE
16-LEAD PLASTIC SOL
TJMAX = 125°C, θJA = 70°C/W (N)
TJMAX = 150°C, θJA = 95°C/W (S)
LTC487CN
LTC487CSW
LTC487IN
LTC487ISW
pins are negative. All voltages are referenced to device GND unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and Temperature = 25°C.
Note 1: Absolute maximum ratings are those beyond which the safety of
the device cannot be guaranteed.
Note 2: All currents into device pins are positive; all currents out of device
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
10
30
50
ns
tPHL
Driver Input to Output
(Figures 1, 4)
10
30
50
ns
tSKEW
Driver Output to Output
515
ns
tr, tf
Driver Rise or Fall Time
5
20
25
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 2, 5) S2 Closed
35
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 2, 5) S1 Closed
35
70
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 2, 5) S1 Closed
35
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 2, 5) S2 Closed
35
70
ns
VCC = 5V ± 5%, 0°C ≤ TA ≤ 70°C (Note 2, 3)
S
GC
C
HARA TERISTICS
WITCHI
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
5
V
VOD2
Differential Driver Output Voltage (With Load)
R = 50
Ω; (RS422)
2
V
R = 27
Ω; (RS485) (Figure 3)
1.5
5
V
VOD
Change in Magnitude of Driver Differential
R = 27
Ω or R = 50Ω
0.2
V
Output Voltage for Complementary Output States
(Figure 3)
VOC
Driver Common-Mode Output Voltage
3V
⏐VOC⏐
Change in Magnitude of Driver Common-Mode
0.2
V
Output Voltage for Complementary Output States
VIH
Input High Voltage
DI, EN12, EN34
2.0
V
VIL
Input Low Voltage
0.8
V
IIN1
Input Current
±2
µA
ICC
Supply Current
No Load
Output Enabled
110
200
µA
Output Disabled
110
200
µA
IOSD1
Driver Short-Circuit Current, VOUT = High
VO = – 7V
100
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = Low
VO = 12V
100
250
mA
IOZ
High Impedance State Output Current
VO = – 7V to 12V
±10
± 200
µA
VCC = 5V ± 5%, 0°C ≤ TA ≤ 70°C (Commercial), – 40°C ≤ TA ≤ 85°C (Industrial) (Note 2, 3)
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com