Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC491CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC491CS
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC491CS Datasheet HTML 2Page - Linear Technology LTC491CS Datasheet HTML 3Page - Linear Technology LTC491CS Datasheet HTML 4Page - Linear Technology LTC491CS Datasheet HTML 5Page - Linear Technology LTC491CS Datasheet HTML 6Page - Linear Technology LTC491CS Datasheet HTML 7Page - Linear Technology LTC491CS Datasheet HTML 8Page - Linear Technology LTC491CS Datasheet HTML 9Page - Linear Technology LTC491CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC491
6
491fa
Figure 5. Driver Propagation Delays
Figure 6. Driver Enable and Disable Times
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times
SWITCHI G TI E WAVEFOR S
–VO
LTC491 • F05
D
3V
0V
1.5V
tPLH
1.5V
VDIFF = V(Y) – V(Z)
VO
80%
20%
50%
10%
Z
Y
tSKEW
tr
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
90%
50%
tPHL
tf
VO
tSKEW
1/2 VO
1/2 VO
LTC491 • F06
A, B
DE
3V
0V
f = 1MHz : tr ≤ 10ns : tr ≤ 10ns
VOL
VOH
1.5V
1.5V
5V
OUTPUT NORMALLY LOW
tZL
2.3V
tLZ
0.5V
A, B
0V
tZH
2.3V
OUTPUT NORMALLY HIGH
tHZ
0.5V
VOL
LTC491 • F07
A-B
VOD2
0V
tPLH
0V
OUTPUT
VOH
1.5V
f = 1MHz ; tr ≤ 10ns : tf ≤ 10ns
tPHL
–VOD2
1.5V
INPUT
R
LTC491 • F08
R
REB
3V
0V
f = 1MHz : tr ≤ 10ns : tf ≤ 10ns
VOL
VOH
1.5V
1.5V
5V
OUTPUT NORMALLY LOW
tZL
1.5V
tLZ
0.5V
R
0V
tZH
1.5V
OUTPUT NORMALLY HIGH
tHZ
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com