Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1016IS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1016IS8
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016IS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1016IS8 Datasheet HTML 12Page - Linear Technology LT1016IS8 Datasheet HTML 13Page - Linear Technology LT1016IS8 Datasheet HTML 14Page - Linear Technology LT1016IS8 Datasheet HTML 15Page - Linear Technology LT1016IS8 Datasheet HTML 16Page - Linear Technology LT1016IS8 Datasheet HTML 17Page - Linear Technology LT1016IS8 Datasheet HTML 18Page - Linear Technology LT1016IS8 Datasheet HTML 19Page - Linear Technology LT1016IS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1016
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX:(408)434-0507 ● www.linear-tech.com
„LINEAR TECHNOLOGY CORPORATION 1991
sn1016 1016fcs LT/TP 0601 1.5K REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1116
12ns Single Supply Ground-Sensing Comparator
Single Supply Version of LT1016, LT1016 Pinout and Functionality
LT1394
7ns, UltraFast, Single Supply Comparator
6mA, 100MHz Data Rate, LT1016 Pinout and Functionality
LT1671
60ns, Low Power, Single Supply Comparator
450
mA, Single Supply Comparator, LT1016 Pinout and Functionality
LT1711/LT1712
Single/Dual 4.5ns 3V/5V/
±5V Rail-to-Rail Comparators Rail-to-Rail Inputs and Outputs
LT1713/LT1714
Single/Dual 7ns 3V/5V/
±5V Rail-to-Rail Comparators
5mA per Comparator, Rail-to-Rail Inputs and Outputs
LT1715
Dual 150MHz 4ns 3V/5V Comparator
150MHz Toggle Rate, Independent Input/Output Supplies
LT1719/LT1720/LT1721 Single/Dual/Quad 4.5ns 3V/5V Comparators
4mA per Comparator, Ground-Sensing Rail-to-Rail Inputs and Outputs
APPLICATIO S I FOR ATIO
1Hz to 10MHz V-to-F Converter
The LT1016 and the LT1122 FET input amplifier combine
to form a high speed V-to-F converter in Figure 16. A
variety of techniques is used to achieve a 1Hz to 10MHz
output. Overrange to 12MHz (VIN = 12V) is provided. This
circuit’s dynamic range is 140dB, or seven decades, which
is wider than any commercially available unit. The 10MHz
full-scale frequency is 10 times faster than monolithic
V-to-F’s now available. The theory of operation is based on
the identity Q = CV.
Each time the circuit produces an output pulse, it feeds
back a fixed quantity of charge, Q, to a summing node,
S.
The circuit’s input furnishes a comparison current at the
summing node. This difference current is integrated in
A1’s 68pF feedback capacitor. The amplifier controls the
circuit’s output pulse generator, closing feedback loop
around the integrating amplifier. To maintain the sum-
ming node at zero, the pulse generator runs at a frequency
that permits enough charge pumping to offset the input
signal. Thus, the output frequency is linearly related to the
input voltage.
To trim this circuit, apply 6.000V at the input and adjust the
2k
W pot for 6.000MHz output. Next, excite the circuit with
a 10.000V input and trim the 20k resistor for 10.000MHz
output. Repeat these adjustments until both points are
fixed. Linearity of the circuit is 0.03%, with full-scale drift
of 50ppm/
∞C. The LTC1050 chopper op amp servos the
integrator’s noninverting input and eliminates the need for
a zero trim. Residual zero point error is 0.05Hz/
∞C.
Figure 16. 1Hz to 10MHz V-to-F Converter. Linearity is Better Than 0.03% with 50ppm/
∞C Drift
–
+
–
+
–
+
100
Ω
68pF
1.2k
15V
15V
15V
5V
5V
5V
–5V
–5V
–5V
150pF
+
10
µF
36k
1k
1k
10M
LTC1050
A1
LT1122
A2
LT1016
5pF
0.1
µF
4.7
µF
10MHz
TRIM
A4
LT1010
5V REF
–
+
A3
LT1006
OUTPUT
1Hz TO 10MHz
–15V
15pF
(POLYSTYRENE)
Q1
Q2
Q3
Q4
INPUT
0V TO 10V
2k
6MHz
TRIM
10k*
100k*
100k*
10k
470
Ω
6.8
Ω
LT1034-1.2V
LT1034-2.5V
2.2M*
0.02
µF
1016 F16
20k
LM134
* = 1% METAL FILM/10ppm/
°C
BYPASS ALL ICs WITH 2.2
µF ON
EACH SUPPLY DIRECTLY AT PINS
8
= 2N2369
= 74HC14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com