Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1102 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 1 Page - Linear Technology

  LT1102 Datasheet HTML 1Page - Linear Technology LT1102 Datasheet HTML 2Page - Linear Technology LT1102 Datasheet HTML 3Page - Linear Technology LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1102
1
1102fb
■ Slew Rate: 30V/
μs
■ Gain-Bandwidth Product: 35MHz
■ Settling Time (0.01%): 3
μs
■ Overdrive Recovery: 0.4
μs
■ Gain Error: 0.05% Max
■ Gain Drift: 5ppm/
°C
■ Gain Nonlinearity: 16ppm Max
■ Offset Voltage (Input + Output): 600
μV Max
– Drift with Temperature: 2
μV/°C
■ Input Bias Current: 40pA Max
■ Input Offset Current: 40pA Max
– Drift with Temperature (to 70
°C): 0.5pA/°C
The LT
®1102 is the first fast FET input instrumentation
amplifier offered in the low cost, space saving 8-pin
packages. Fixed gains of 10 and 100 are provided with
excellent gain accuracy (0.01%) and non-linearity (3ppm).
No external gain setting resistor is required.
Slew rate, settling time, gain-bandwidth product,
overdrive recovery time are all improved compared to
competitive high speed instrumentation amplifiers.
Industry best speed performance is combined with
impressive precision specifications: less than 10pA input
bias and offset currents, 180
μV offset voltage. Unlike
other FET input instrumentation amplifiers, on the LT1102
there is no output offset voltage contribution to total error,
and input bias currents do not double with every 10
°C rise
in temperature. Indeed, at 70
°C ambient temperature the
input bias current is only 40pA.
Wideband Instrumentation Amplifier
with
±150mA Output Current
High Speed, Precision,
JFET Input Instrumentation Amplifier
(Fixed Gain = 10 or 100)
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Slew Rate
■ Fast Settling Analog Signal Processing
■ Multiplexed Input Data Acquisition Systems
■ High Source Impedance Signal Amplification from
High Resistance Bridges, Capacitance Sensors,
Photodetector Sensors
■ Bridge Amplifier with < 1Hz Lowpass Filtering
APPLICATIO S
V+ = 15V
LT1102
BIAS
R
6
3
5
7
4
8
2
1
OUT
LT1010
V – = – 15V
OUTPUT =
±10V INTO 75Ω TO 330kHz (R = 50Ω)
±10V INTO 200Ω TO 330kHz (R = 200Ω)
DRIVES 2.2nF CAP LOAD
GAIN = 10, DEGRADED 0.01% DUE TO LT1010
LT1102 • TA01
–
+
FPO
FPOLT1102 • TA02
G = 10
0.5
μs/DIV
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1102 LINER-LT1102 Datasheet
192Kb / 12P
High Speed, Precision, JFET Input Instrumentation Amplifier
LT1102AC LINER-LT1102AC Datasheet
568Kb / 8P
High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1102ACH LINER-LT1102ACH Datasheet
568Kb / 8P
High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1102ACN8 LINER-LT1102ACN8 Datasheet
568Kb / 8P
High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
High Speed, Precision JFET Input Operational Amplifier?
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
logo
Texas Instruments
OPA653 TI-OPA653 Datasheet
697Kb / 19P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
logo
Linear Technology
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
logo
Linear Integrated Syste...
LT1101 LINEAR-LT1101_1 Datasheet
238Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com