Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020ISW Datasheet(PDF) 2 Page - Linear Technology

Part # LT1020ISW
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020ISW Datasheet(HTML) 2 Page - Linear Technology

  LT1020ISW Datasheet HTML 1Page - Linear Technology LT1020ISW Datasheet HTML 2Page - Linear Technology LT1020ISW Datasheet HTML 3Page - Linear Technology LT1020ISW Datasheet HTML 4Page - Linear Technology LT1020ISW Datasheet HTML 5Page - Linear Technology LT1020ISW Datasheet HTML 6Page - Linear Technology LT1020ISW Datasheet HTML 7Page - Linear Technology LT1020ISW Datasheet HTML 8Page - Linear Technology LT1020ISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1020
sn1020 1020fcs
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Voltage .......................................................... 36V
NPN Collector Voltage ............................................ 36V
PNP Collector Voltage ............................. Supply – 36V
Output Short Circuit Duration ......................... Indefinite
Power Dissipation .............................. Internally Limited
Storage Temperature Range ................ – 65
°C to 150°C
Operating Temperature Range
LT1020C ............................................. 0
°C to 100°C
LT1020I ........................................ – 40
°C to 100 °C
LT1020M (OBSOLETE) .................. – 55
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER I FOR ATIO
TJMAX = 110°C, θJA = 130°C/W
TJMAX = 110°C, θJA = 150°C/W
ORDER PART
NUMBER
LT1020CJ
LT1020IJ
LT1020MJ
ORDER PART
NUMBER
LT1020CSW
LT1020ISW
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
NC
VOUT
VIN
REF OUT
COMP PNP
COMP NPN
+INPUT
NC
SHUTDOWN
FEEDBACK
GND
–INPUT
DROPOUT
DETECTOR
CURRENT
LIMIT
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VOUT
VIN
REF OUT
COMP PNP
COMP NPN
+INPUT
NC
NC
SHUTDOWN
FEEDBACK
GND
–INPUT
NC
DROPOUT
DETECTOR
CURRENT
LIMIT
(Note 1)
J PACKAGE 14-LEAD CERDIP
TJMAX = 150°C, θJA = 80°C/W
LT1020CN
LT1020IN
OBSOLETE PACKAGE
Consider the N14 Package for Alternate Source
TJ = 25°C
ELECTRICAL C
C
HARA TERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Voltage
4.5V
≤ VIN ≤ 36V
2.46
2.50
2.54
V
Line Regulation
4.5V
≤ VIN ≤ 36V
0.01
0.015
%/V
Load Regulation
– 0.5mA
≤ IREF ≤ 1mA, VIN = 12V
0.2
0.3
%
Output Source Current
VIN = 5V
1
4
mA
Output Sink Current
VIN = 5V
0.5
2
mA
Temperature Stability
1%
Regulator
Supply Current
VIN = 6V, IOUT ≤ 100µA45
80
µA
VIN = 36V, IOUT ≤ 100µA
75
120
µA
VIN = 12V, IOUT = 125mA
11
20
mA
Output Current
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
125
mA
Load Regulation
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
0.2
0.5
%
Line Regulation
6V
≤ VIN ≤ 36V
0.01
0.015
%/V
Dropout Voltage
IOUT = 100µA
0.02
0.05
V
IOUT = 125mA
0.4
0.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com