Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B_07 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF080B_07 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
13
©2007 Silicon Storage Technology, Inc.
S71296-02-000
06/07
FIGURE 10: Auto Address Increment (AAI) Word-Program Sequence with
Hardware End-of-Write Detection
FIGURE 11: Auto Address Increment (AAI) Word-Program Sequence with
Software End-of-Write Detection
07 8
32
47 48
15 16
23 24
31
0
40
39
7 8
15 16
23 24
7 8
15 16
23 24
70
15
78
00
CE#
SI
SCK
AAA
AD
D0
AD
SO
2
DOUT
MODE 3
MODE 0
1296 AAI.HW.0
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
Last 2
Data Bytes
WDRI to exit
AAI Mode
Wait TBP or poll
Software Status register
to load any command
Check for Flash Busy Status to load next valid
1 command
Load AAI command, Address, 2 bytes data
Note:
1. Valid commands during AAI programming: AAI command or WRDI command
2. User must configure the SO pin to output Flash Busy status during AAI programming
07 8
32
47 48
15 16
23 24
31
0
40
39
7 8
15 16
23 24
7 8
15 16
23 24
70
15
78
00
CE#
SI
SCK
AAA
AD
D0
AD
SO
DOUT
MODE 3
MODE 0
1296 AAI.SW.0
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
Last 2
Data Bytes
WDRI to exit
AAI Mode
Wait TBP or poll
Software Status register
to load any command
Load AAI command, Address, 2 bytes data
Note:
1. Valid commands during AAI programming: AAI command or WRDI command
Wait TBP or poll Software Status
register to load next valid
1 command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com