Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1102CJ8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1102CJ8
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102CJ8 Datasheet(HTML) 2 Page - Linear Technology

  LT1102CJ8 Datasheet HTML 1Page - Linear Technology LT1102CJ8 Datasheet HTML 2Page - Linear Technology LT1102CJ8 Datasheet HTML 3Page - Linear Technology LT1102CJ8 Datasheet HTML 4Page - Linear Technology LT1102CJ8 Datasheet HTML 5Page - Linear Technology LT1102CJ8 Datasheet HTML 6Page - Linear Technology LT1102CJ8 Datasheet HTML 7Page - Linear Technology LT1102CJ8 Datasheet HTML 8Page - Linear Technology LT1102CJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1102
2
1102fb
Supply Voltage ......................................................
±20V
Differential Input Voltage .......................................
±40V
Input Voltage .........................................................
±20V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
LT1102I .............................................. – 40
°C to 85°C
LT1102AC/LT1102C ................................ 0
°C to 70°C
LT1102AM/LT1102M (OBSOLETE).....– 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TOP VIEW
OUT
G = 10
OUTPUT
REF
G = 10
+IN
90R
90R
R
R
9R
9R
V+
–IN
V(CASE)
GROUND
(REF)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
ORDER PART
NUMBER
LT1102AMH
LT1102MH
LT1102ACH
LT1102CH
LT1102IN8
LT1102ACN8
LT1102CN8
OUT
G = 10
OUTPUT
REF
G = 10
+IN
V+
–IN
V
GROUND
(REF)
8
7
6
5
3
2
1
4
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
LT1102
90R
90R
9 = 1.8k
R
R
9R
9R
ORDER PART
NUMBER
LT1102MJ8
LT1102CJ8
LT1102 • POI01
TJMAX = 100°C, θJA = 130°C/W
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com