Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1028 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1028
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028 Datasheet(HTML) 2 Page - Linear Technology

  LT1028_01 Datasheet HTML 1Page - Linear Technology LT1028_01 Datasheet HTML 2Page - Linear Technology LT1028_01 Datasheet HTML 3Page - Linear Technology LT1028_01 Datasheet HTML 4Page - Linear Technology LT1028_01 Datasheet HTML 5Page - Linear Technology LT1028_01 Datasheet HTML 6Page - Linear Technology LT1028_01 Datasheet HTML 7Page - Linear Technology LT1028_01 Datasheet HTML 8Page - Linear Technology LT1028_01 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1028/LT1128
Supply Voltage
–55
°C to 105°C ................................................ ±22V
105
°C to 125°C ................................................ ±16V
Differential Input Current (Note 9) ......................
±25mA
Input Voltage ............................ Equal to Supply Voltage
Output Short Circuit Duration .......................... Indefinite
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LT1028/LT1128AM, M (OBSOLETE) . –55
°C to 125°C
LT1028/LT1128AC, C (Note 11) ......... – 40
°C to 85°C
Storage Temperature Range
All Devices ........................................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER I FOR ATIO
S8 PART MARKING
LT1028CS8
LT1128CS8
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
1
2
3
45
6
7
8
TOP VIEW
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SOIC
V+
OUT
+
VOS
TRIM
VOS
TRIM
OVER-
COMP
1028
1128
LT1028AMH
LT1028MH
LT1028ACH
LT1028CH
LT1028AMJ8
LT1028MJ8
LT1028ACJ8
LT1028CJ8
LT1128AMJ8
LT1128MJ8
LT1128CJ8
LT1028CSW
TOP VIEW
V+
VOS TRIM
–IN
OUT
OVER-
COMP
+IN
V
(CASE)
8
7
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
VOS TRIM
+
6
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
45
6
7
8
TOP VIEW
–IN
+IN
V
V+
OUT
+
J8 PACKAGE
8-LEAD CERAMIC DIP
OVER-
COMP
VOS
TRIM
VOS
TRIM
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SOL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
TRIM
–IN
+IN
V
NC
NC
NC
NC
TRIM
V+
OUT
NC
NC
NOTE: THIS DEVICE IS NOT RECOM-
MENDED FOR NEW DESIGNS
OVER-
COMP
+
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
OBSOLETE PACKAGE
TJMAX = 175°C, θJA = 140°C/W, θJC = 40°C/W
TJMAX = 140°C, θJA = 130°C/W
TJMAX = 165°C, θJA = 100°C/W
LT1028ACN8
LT1028CN8
LT1128ACN8
LT1128CN8
TJMAX = 130°C, θJA = 130°C/W
Consider S8 or N8 Packages for Alternate Source
TJMAX = 135°C, θJA = 140°C/W
OBSOLETE PACKAGE
Consider N8 Package for Alternate Source
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com