Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSI12065E-R47M Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # WSI12065E-R47M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R47M Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  WSI12065E-R47M Datasheet HTML 1Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 2Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R47M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 3 -
●ELECTRICAL CHARACTERISTICS
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI04012J-R22M
0.22
7.80
9.30
10.00
9.00
WSI04012J-R47M
0.47
16.50
20.00
9.00
6.50
WSI04012J-R56M
0.56
22.00
25.00
8.00
5.50
WSI04012J-R68M
0.68
18.80
20.68
8.00
5.40
WSI04012J-1R0M
1.00
28.30
33.60
6.33
4.80
WSI04012J-1R2M
1.20
41.00
45.00
6.00
3.00
WSI04012J-1R5M
1.50
45.00
50.00
5.50
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI04012M-R33M
0.33
17.00
19.00
8.40
6.50
WSI04012M-R47M
0.47
19.00
21.00
6.80
6.00
WSI04012M-1R0M
1.00
43.00
47.00
5.20
4.20
WSI04012M-1R5M
1.50
68.00
75.00
4.00
3.25
WSI04012M-2R2M
2.20
79.40
83.50
3.50
2.75
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI04015J-R22M
0.22
6.40
7.60
11.00
9.50
WSI04015J-R47M
0.47
12.00
14.40
9.00
7.50
WSI04015J-1R0M
1.00
23.50
27.00
7.00
5.00
WSI04015J-1R2M
1.20
28.30
33.60
6.00
4.90
WSI04015J-1R5M
1.50
32.00
38.40
6.00
4.00
WSI04015J-2R2M
2.20
47.00
56.40
4.50
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com