Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1106CF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1106CF
Description  Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1106CF Datasheet(HTML) 1 Page - Linear Technology

  LT1106CF Datasheet HTML 1Page - Linear Technology LT1106CF Datasheet HTML 2Page - Linear Technology LT1106CF Datasheet HTML 3Page - Linear Technology LT1106CF Datasheet HTML 4Page - Linear Technology LT1106CF Datasheet HTML 5Page - Linear Technology LT1106CF Datasheet HTML 6Page - Linear Technology LT1106CF Datasheet HTML 7Page - Linear Technology LT1106CF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1106
Micropower Step-Up
DC/DC Converter for
PCMCIA Card Flash Memory
S
FEATURE
DESCRIPTIO
The LT®1106 is the industry’s first DC/DC converter
designed for use on Type I and Type II PCMCIA cards. The
device senses the VPP1 and VPP2 lines at the PCMCIA
socket and generates a regulated 12V, 60mA program-
ming supply if the socket does not provide it. Internal logic
simplifies the interface to PCMCIA card microcontrollers.
One input selects a 12V or 5V regulated output, while
another input controls micropower shutdown. Two logic
outputs indicate when the selected programming voltage
is valid and whether the input supply is 3.3V or 5V.
TheregulatorfeaturesBurstModeTM operationwitha0.5A,
300mV switch for efficiency up to 85%. High frequency
500kHz switching permits the use of small value, flat
inductors that fit neatly on PCMCIA cards. The device
requires just 1
µF of output capacitance.
Quiescent current is 750
µA which drops to 350µA when
the card runs off the socket supply. The shutdown pin
reduces supply current to only 10
µA. The device includes
a soft start feature which limits supply current transients
when the card is inserted into a hot socket.
S
APPLICATI
I
PCMCIA Card Flash Memory VPP Generator
I
Portable Computers
I
Portable Instruments
I
DC/DC Converter Module Replacements
I
60mA Output Current at 12V from 3V Supply
I
Shutdown to 10
µA
I
Programmable 12V or 5V Output
I
Up to 85% Efficiency
I
Quiescent Current: 750
µA
I
Low VCESAT Switch: 300mV at 0.5A Typical
I
Uses Low Value, Thin, Surface Mount Inductors
I
Ultra-Thin 20-Lead TSSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
LOAD CURRENT (mA)
1
70
72
74
76
78
86
10
100
LT1106 • TA02
80
82
84
VIN = 5V
VIN = 5V
VIN = 3.3V
VIN = 3.3V
D1 = MBR0530
D1 = 4 BAT54Cs
IN PARALLEL
12V Output Efficiency
12V, 60mA Flash Memory Programming Supply
APPLICATI
TYPICAL
VCC
VPP1
G1
VPP2
G2
ON/OFF
GND
PGND
SW
D
S
BSS84
D
S
BSS84
POWER ON
DALE ILS-3825-01 OR
COILTRONICS CTX02-11238-3
MOTOROLA MBR0530
*
**
LT1106 • TA01
12/5
SOFT START
AVPP
1M
0.1
µF
3/5 DETECT
VPP VALID
1
µF
D1**
L1*
10
µH
0.1
µF
4.7
µF
TANT
ALUM
VPP1
VPP2
VCC
3.3V/5V
LT1106
VPP VALID
3/5
12V/60mA
0.1
µF
0.1
µF
470pF
+
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1106CF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1106CF LINER-LT1106CF Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
More results

Similar Description - LT1106CF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1309 LINER-LT1309 Datasheet
236Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Linear Technology
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com