Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1028CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1028CS8
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1028CS8 Datasheet HTML 1Page - Linear Technology LT1028CS8 Datasheet HTML 2Page - Linear Technology LT1028CS8 Datasheet HTML 3Page - Linear Technology LT1028CS8 Datasheet HTML 4Page - Linear Technology LT1028CS8 Datasheet HTML 5Page - Linear Technology LT1028CS8 Datasheet HTML 6Page - Linear Technology LT1028CS8 Datasheet HTML 7Page - Linear Technology LT1028CS8 Datasheet HTML 8Page - Linear Technology LT1028CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1028/LT1128
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
10
40
20
80
µV
∆VOS
Long Term Input Offset
(Note 3)
0.3
0.3
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
VCM = 0V
12
50
18
100
nA
IB
Input Bias Current
VCM = 0V
±25
±90
±30
±180
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 4)
35
75
35
90
nVP-P
Input Noise Voltage Density
fO = 10Hz (Note 5)
1.00
1.7
1.0
1.9
nV/
√Hz
fO = 1000Hz, 100% tested
0.85
1.1
0.9
1.2
nV/
√Hz
In
Input Noise Current Density
fO = 10Hz (Note 4 and 6)
4.7
10.0
4.7
12.0
pA/
√Hz
fO = 1000Hz, 100% tested
1.0
1.6
1.0
1.8
pA/
√Hz
Input Resistance
Common Mode
300
300
M
Ω
Differential Mode
20
20
k
Ω
Input Capacitance
5
5
pF
Input Voltage Range
±11.0 ±12.2
±11.0 ±12.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
114
126
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
117
133
110
132
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±12V
7.0
30.0
5.0
30.0
V/
µV
RL ≥ 1k, VO = ±10V
5.0
20.0
3.5
20.0
V/
µV
RL ≥ 600Ω, VO = ±10V
3.0
15.0
2.0
15.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
±12.3 ±13.0
±12.0 ±13.0
V
RL ≥ 600Ω±11.0 ±12.2
±10.5 ±12.2
V
SR
Slew Rate
AVCL = –1
LT1028
11.0
15.0
11.0
15.0
V/
µs
AVCL = –1
LT1128
5.0
6.0
4.5
6.0
V/
µs
GBW
Gain-Bandwidth Product
fO = 20kHz (Note 7)
LT1028
50
75
50
75
MHz
fO = 200kHz (Note 7)
LT1128
13
20
11
20
MHz
ZO
Open-Loop Output Impedance
VO = 0, IO = 0
80
80
Ω
IS
Supply Current
7.4
9.5
7.6
10.5
mA
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, TA = 25°C, unless otherwise noted.
LT1028AM/AC
LT1128AM/AC
LT1028M/C
LT1128M/C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
q
30
120
45
180
µV
∆VOS
Average Input Offset Drift
(Note 8)
q
0.2
0.8
0.25
1.0
µV/°C
∆Temp
IOS
Input Offset Current
VCM = 0V
q
25
90
30
180
nA
IB
Input Bias Current
VCM = 0V
q
±40
±150
±50
±300
nA
Input Voltage Range
q
±10.3 ±11.7
±10.3 ±11.7
V
CMRR
Common Mode Rejection Ratio
VCM = ±10.3V
q
106
122
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±16V
q
110
130
104
130
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
3.0
14.0
2.0
14.0
V/
µV
RL ≥ 1k, VO = ±10V
2.0
10.0
1.5
10.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±10.3 ±11.6
±10.3 ±11.6
V
IS
Supply Current
q
8.7
11.5
9.0
13.0
mA
LT1028AM
LT1128AM
LT1028M
LT1128M
ELECTRICAL C
C
HARA TERISTICS The q denotes the specifications which apply over the temperature range
–55
°C ≤ TA ≤ 125°C. VS = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com