Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST85LD0256 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
21
12.2.1.1 Check-Power-Mode - 98H or E5H
This command checks the power mode. Because the NANDrive can recover from sleep in 200 ns, Idle
mode is never enabled. NANDrive sets BSY, sets the Sector Count register to 00H, clears BSY, and
generates an interrupt.
Translate-Sector
87H
-
YYYY
Y
Write-Buffer
E8H
-
-
-
-
D
-
Write-DMA
CAH or CBH
-
YYYY
Y
Write-Long-Sector
32H or 33H
-
-
Y
Y
Y
Y
Write-Multiple
C5H
-
YYYY
Y
Write-Multiple-Without-Erase
CDH
-
YYYY
Y
Write-Sector(s)
30H or 31H
-
YYYY
Y
Write-Sector(s)-Without-Erase
38H
-
YYYY
Y
Write-Verify
3CH
-
YYYY
Y
T12-2.1 1319
1. FR - Features register
2. SC - Sector Count register
3. SN - Sector Number register
4. CY - Cylinder registers
5. DH - Drive/Head register
6. LBA - Logical Block Address mode supported (see command descriptions for use)
7. Y - The register contains a valid parameter for this command.
8. For the Drive/Head register:Y means both the NANDrive and Head parameters are used;
D means only the NANDrive parameter is valid and not the Head parameter.
TABLE
12-2: NANDrive Command Set (Continued) (2 of 2)
Command
Code
FR1
SC2
SN3
CY4
DH5
LBA6
Bit ->
76543210
Command (7)
98H or E5H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com