Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1032CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LT1032CSW
Description  Quad Low Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032CSW Datasheet(HTML) 4 Page - Linear Technology

  LT1032CSW Datasheet HTML 1Page - Linear Technology LT1032CSW Datasheet HTML 2Page - Linear Technology LT1032CSW Datasheet HTML 3Page - Linear Technology LT1032CSW Datasheet HTML 4Page - Linear Technology LT1032CSW Datasheet HTML 5Page - Linear Technology LT1032CSW Datasheet HTML 6Page - Linear Technology LT1032CSW Datasheet HTML 7Page - Linear Technology LT1032CSW Datasheet HTML 8Page - Linear Technology LT1032CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1032
1032fe
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Shutdown Pin Voltage
vs Temperature
INPUT VOLTAGE (V)
0
6
10
4
LT1032 • TPC07
2
–2
–6
1
2
3
5
4
8
0
–4
ON/OFF Pin Current vs Voltage
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
LT1032 • TPC08
0.4
1.6
1.8
1.2
–25
25
100 125
150
MIN ON VOLTAGE
MAX OFF VOLTAGE
TEMPERATURE (
°C)
–55
40
50
60
150
LT1032 • TPC09
30
20
0
0
50
100
10
80
70
–25
25
75
125
SINKING
SOURCING
Current Limit vs Temperature
Output Swing vs Temperature
Slew Rate vs Temperature
TEMPERATURE (
°C)
–50
0
2
6
8
10
20
14
0
50
75
LT1032 • TPC11
4
16
18
12
–25
25
100
125
RISING
FALLING
VS = ±12V
RL = 3k
CL = 51pF
VSLEW = ±8V
TEMPERATURE (°C)
–50
V–
200
600
800
1
V+
0
50
75
LT1032 • TPC10
400
400
200
–25
25
100 125
150
IOUT = 2mA
IOUT = 10mA
IOUT = –10mA
IOUT = –2mA
INPUT
ON/OFF Response Time
6V
4V
2V
0
0
–4V
–6V
5V
0
0
200
µs
400
µs 600µs
VOUT
VOUT
ON/OFF
INPUT
–2V
1ms
LT1032 • TPC12
RL = 3k
VS = ±6V
CL = 51pF
VIN = 0V
VIN = 5V
OUTPUT
HIGH
OUTPUT
LOW
ON/OFF Response Time
5V
0
0
–5V
0
10V
ON/OFF
INPUT
– 10V
5V
VOUT
VOUT
5V/DIV
0
200
µs
400
µs 600µs
1ms
LT1032 • TPC13
RL = 3k
VS = ±12V
CL = 51pF
VIN = 0V
VIN = 5V
OUTPUT
HIGH
OUTPUT
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com