Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1033CT Datasheet(PDF) 11 Page - Linear Technology

Part # LT1033CT
Description  3A Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033CT Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1033CT Datasheet HTML 4Page - Linear Technology LT1033CT Datasheet HTML 5Page - Linear Technology LT1033CT Datasheet HTML 6Page - Linear Technology LT1033CT Datasheet HTML 7Page - Linear Technology LT1033CT Datasheet HTML 8Page - Linear Technology LT1033CT Datasheet HTML 9Page - Linear Technology LT1033CT Datasheet HTML 10Page - Linear Technology LT1033CT Datasheet HTML 11Page - Linear Technology LT1033CT Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1033
1033fc
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
0.580 – 0.6OO
(14.73 – 15.24)
0.170
(4.32)
MAX
0.325
(8.255)
0.580
(14.732)
0.560
(14.224)
0.620 – 0.64O
(15.75 – 16.26)
0.170 – 0.2OO
(4.32 – 5.08)
MOUNTING HOLE
0.115 – 0.145
(2.92 – 3.68)
DIA
0.580 – 0.6OO
(14.73 – 15.24)
0.830 – 0.870
(21.08 – 22.10)
0.780 – 0.800
(19.81 – 20.32)
0.620 – 0.64O
(15.75 – 16.26)
0.215
(5.46)
BSC
0.113 – 0.123
(2.87 – 3.12)
0.042 – 0.052
(1.07 – 1.32)
0.074 – 0.084
(1.88 – 2.13)
0.187 – 0.207
(4.75 – 5.26)
0.060 – 0.080
(1.52 – 2.03)
18
° – 22°
3
° – 7°
0.087 – 0.102
(2.21 – 2.59)
0.020 – 0.040
(0.51 – 1.02)
EJECTOR PIN MARKS
0.105 – 0.125
(2.67 – 3.18)
DIA
P3 0996
0.098
(2.489)
0.124
(3.149)
0.700
(17.780)
0.275
(6.985)
BOTTOM VIEW OF TO-3P
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
P Package
3-Lead Plastic TO-3P (Similar to TO-247)
(Reference LTC DWG # 05-08-1450)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com