Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST25VF032B Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Advance Information
32 Mbit SPI Serial Flash
SST25VF032B
21
©2006 Silicon Storage Technology, Inc.
S71327-00-000
10/06
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 30 pF
See Figure 27
TABLE
8: DC Operating Characteristics (VDD = 2.7-3.6V)
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDDR
Read Current
10
mA
CE# = 0.1 VDD/0.9 VDD@25 MHz, SO = open
IDDR2
Read Current
15
mA
CE# = 0.1 VDD/0.9 VDD@50 MHz, SO = open
IDDW
Program and Erase Current
30
mA
CE# = VDD
ISB
Standby Current
20
µA
CE# = VDD, VIN = VDD or VSS
ILI
Input Leakage Current
1
µA
VIN = GND to VDD, VDD = VDD Max
ILO
Output Leakage Current
1
µA
VOUT = GND to VDD, VDD = VDD Max
VIL
Input Low Voltage
0.8
V
VDD = VDD Min
VIH
Input High Voltage
0.7 VDD
VVDD = VDD Max
VOL
Output Low Voltage
0.2
V
IOL = 100 µA, VDD = VDD Min
VOL2
Output Low Voltage
0.4
V
IOL = 1.6 mA, VDD = VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH = -100 µA, VDD = VDD Min
T8.0 1327
TABLE
9: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
VDD Min to Read Operation
100
µs
TPU-WRITE1
VDD Min to Write Operation
100
µs
T9.0 1327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com