Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1028CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LT1028CSW
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1028CSW Datasheet HTML 9Page - Linear Technology LT1028CSW Datasheet HTML 10Page - Linear Technology LT1028CSW Datasheet HTML 11Page - Linear Technology LT1028CSW Datasheet HTML 12Page - Linear Technology LT1028CSW Datasheet HTML 13Page - Linear Technology LT1028CSW Datasheet HTML 14Page - Linear Technology LT1028CSW Datasheet HTML 15Page - Linear Technology LT1028CSW Datasheet HTML 16Page - Linear Technology LT1028CSW Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1028/LT1128
Frequency Response
The LT1028’s Gain, Phase vs Frequency plot indicates that
the device is stable in closed-loop gains greater than +2 or
–1 because phase margin is about 50
° at an open-loop
gain of 6dB. In the voltage follower configuration phase
margin seems inadequate. This is indeed true when the
output is shorted to the inverting input and the noninvert-
ing input is driven from a 50
Ω source impedance. How-
ever, when feedback is through a parallel R-C network
(provided CF < 68pF), the LT1028 will be stable because of
interaction between the input resistance and capacitance
and the feedback network. Larger source resistance at the
noninverting input has a similar effect. The following
voltage follower configurations are stable:
Another configuration which requires unity-gain stability
is shown below. When CF is large enough to effectively
short the output to the input at 15MHz, oscillations can
occur. The insertion of RS2 ≥ 500Ω will prevent the
LT1028 from oscillating. When RS1 ≥ 500Ω, the additional
noise contribution due to the presence of RS2 will be
minimal. When RS1 ≤ 100Ω, RS2 is not necessary, be-
cause RS1 represents a heavy load on the output through
the CF short. When 100Ω < RS1 < 500Ω, RS2 should match
RS1 . For example, RS1 = RS2 = 300Ω will be stable. The
noise increase due to RS2 is 40%.
S
APPLICATI
I FOR ATIO
terminals, can exceed the inherent drift of the amplifier
unless proper care is exercised. Air currents should be
minimized, package leads should be short, the two input
leads should be close together and maintained at the same
temperature.
The circuit shown to measure offset voltage is also used
as the burn-in configuration for the LT1028/LT1128.
1028/1128 AI09
–
+
33pF
2k
LT1028
50
Ω
–
+
LT1028
50
Ω
500
Ω
1028/1128 AI10
C1
R1
RS1
RS2
LT1028
–
+
Unity-Gain Buffer Applications (LT1128 Only)
When RF ≤ 100Ω and the input is driven with a fast, large-
signal pulse (>1V), the output waveform will look as
shown in the pulsed operation diagram.
During the fast feedthrough-like portion of the output, the
input protection diodes effectively short the output to the
input and a current, limited only by the output short-circuit
protection, will be drawn by the signal generator. With RF
≥ 500Ω, the output is capable of handling the current
requirements (IL ≤ 20mA at 10V) and the amplifier stays
in its active mode and a smooth transition will occur.
As with all operational amplifiers when RF > 2k, a pole will
be created with RF and the amplifier’s input capacitance,
creating additional phase shift and reducing the phase
margin. A small capacitor (20pF to 50pF) in parallel with RF
will eliminate this problem.
Test Circuit for Offset Voltage
and Offset Voltage Drift with Temperature
–
+
–15V
10k*
200
Ω*
LT1028
LT1128
1028/1128 AI08
10k*
VO = 100VOS
* RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL
VO
6
7
2
4
3
15V
–
+
RF
1028/1128 AI07
OUTPUT
6V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com