Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5470/40C Datasheet(PDF) 2 Page - Alpha Wire

Part # 5470/40C
Description  20 (7/28) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5470/40C Datasheet(HTML) 2 Page - Alpha Wire

  5470/40C Datasheet HTML 1Page - Alpha Wire 5470/40C Datasheet HTML 2Page - Alpha Wire 5470/40C Datasheet HTML 3Page - Alpha Wire 5470/40C Datasheet HTML 4Page - Alpha Wire 5470/40C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Diameters (In)
1) Component 1
40 X 1 COND
 
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.016" Wall, Nom. PVC
0.070
(1) Color Code
Alpha Wire Color Code D
Cond Color
Cond Color
Cond Color
1
BLACK
15
RED/BLACK29
WHITE/BLACK/BROWN
2
RED
16
WHITE/BLACK
30
WHITE/BLACK/ORANGE
3
WHITE
17
WHITE/RED31
WHITE/BLACK/SLATE
4
GREEN
18
WHITE/GREEN
32
WHITE/BLACK/VIOLET
5
ORANGE
19
WHITE/YELLOW
33
WHITE/BLACK/BLACK
6
BLUE
20
WHITE/BLUE34
WHITE/RED/BLACK
7
BROWN
21
WHITE/BROWN
35
WHITE/RED/RED
8
YELLOW
22
WHITE/ORANGE
36
WHITE/RED/GREEN
9
VIOLET
23
WHITE/SLATE
37
WHITE/RED/BLUE
10
SLATE
24
WHITE/VIOLET
38
WHITE/RED/BROWN
11
PINK
25
WHITE/BLACK/RED
39
WHITE/RED/VIOLET
12
TAN
26
WHITE/BLACK/GREEN
40
WHITE/GREEN/BLACK
13
RED/GREEN27
WHITE/BLACK/YELLOW
 
14
RED/YELLOW
28
WHITE/BLACK/BLUE 
2) Cable Assembly
40 Components Cabled
 
a) Twists:
1.6 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
20 (7/28) AWG Tinned Copper
 
4) Jacket
0.053" Wall, Nom.,PVC
0.626 (0.653 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5470/40C 40C 20 AWG
XTRAGUARD(R) 1 SHIELDED (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 OR C(UL) TYPE CMG 105C FT4 CE ROHS
OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com