Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5669 Datasheet(PDF) 1 Page - Alpha Wire

Part # 5669
Description  26 (7/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5669 Datasheet(HTML) 1 Page - Alpha Wire

  5669 Datasheet HTML 1Page - Alpha Wire 5669 Datasheet HTML 2Page - Alpha Wire 5669 Datasheet HTML 3Page - Alpha Wire 5669 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5669
Construction
 
Diameters (In)
1) Component 1
6 X 1 COND
 
a) Conductor
26 (7/34) AWG Tinned Copper
0.019
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.039
(1) Color Code
Alpha Wire Color Code E
Cond Color
Cond
Color
Cond
Color
1
BLACK
3
RED
5
YELLOW
2
BROWN 4
ORANGE 6
GREEN
2) Cable Assembly
6 Components Cabled
 
a) Twists:
6.9 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.032" Wall, Nom.,PVC
0.186 (0.198 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5669 6C 26 AWG
XTRAGUARD(R) 1 (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 --- LLXXXXXX CSA 105C TYPE CMG FT4
CE ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - 5669

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
566902B00000G AAVID-566902B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
566902B03100G AAVID-566902B03100G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
566902B04000G AAVID-566902B04000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
566990 FESTO-566990 Datasheet
101Kb / 2P
Air solenoid valve
566991 FESTO-566991 Datasheet
101Kb / 2P
Air solenoid valve
More results

Similar Description - 5669

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082266806 MOLEX3-0082266806 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 6 Circuits
0082266839 MOLEX3-0082266839 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 39 Circuits
0082266821 MOLEX3-0082266821 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 21 Circuits
0082266814 MOLEX3-0082266814 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 14 Circuits
0082266834 MOLEX3-0082266834 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 34 Circuits
0082266807 MOLEX3-0082266807 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 7 Circuits
0082266824 MOLEX3-0082266824 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 24 Circuits
0082266841 MOLEX3-0082266841 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 41 Circuits
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com