Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1111CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1111CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1111CS8 Datasheet HTML 1Page - Linear Technology LT1111CS8 Datasheet HTML 2Page - Linear Technology LT1111CS8 Datasheet HTML 3Page - Linear Technology LT1111CS8 Datasheet HTML 4Page - Linear Technology LT1111CS8 Datasheet HTML 5Page - Linear Technology LT1111CS8 Datasheet HTML 6Page - Linear Technology LT1111CS8 Datasheet HTML 7Page - Linear Technology LT1111CS8 Datasheet HTML 8Page - Linear Technology LT1111CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1111
1111fd
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
GND (Pin 5): Ground.
A0 (Pin 6): Auxiliary Gain Block (GB) Output. Open collector,
can sink 300
µA.
SET (Pin 7): GB Input. GB is an op amp with positive input
connected to SET pin and negative input connected to
1.25V reference.
FB/SENSE (Pin 8): On the LT1111 (adjustable) this pin
goes to the comparator input. On the LT1111-5 and
LT1111-12, this pin goes to the internal application resistor
that sets output voltage.
Maximum Switch Current
Quiescent Current
Quiescent Current
vs RLIM
INPUT VOLTAGE (V)
0
LT1111 • TPC10
3
400
380
360
340
320
280
260
6
240
220
200
300
9
1215 1821 24 27
30
TEMPERATURE (
°C)
–50
LT1111 • TPC11
500
450
400
350
250
–25
150
100
200
300
0
25
50
75
100
125
TEMPERATURE (
°C)
–50
LT1111 • TPC14
100
90
80
70
50
–25
30
20
40
60
0
25
50
75
100
125
10
0
ILIM (Pin 1): Connect this pin to VIN for normal use. Where
lower current limit is desired, connect a resistor between
ILIM and VIN. A 220Ω resistor will limit the switch current
to approximately 400mA.
VIN (Pin 2): Input Supply Voltage.
SW1 (Pin 3): Collector of Power Transistor. For step-up
mode connect to inductor/diode. For step-down mode
connect to VIN.
SW2 (Pin 4): Emitter of Power Transistor. For step-up
mode connect to ground. For step-down mode connect to
inductor/diode. This pin must never be allowed to go more
than a Schottky diode drop below ground.
PI
FU C
S
TI
TEMPERATURE (
°C)
–50
LT1111 • TPC13
100
90
80
70
50
–25
30
20
40
60
0
25
50
75
100
125
10
0
Set Pin Bias Current
Feedback Bias Current
RLIM (Ω)
10
LT1111 • TPC12
100
1.5
1.4
1.3
1.2
1.1
0.9
0.8
1000
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
STEP-DOWN
VIN = 12V
STEP-UP
2V
≤ V
IN ≤ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com