Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1116CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1116CS8
Description  12ns, Single Supply Ground-Sensing Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1116CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1116CS8 Datasheet HTML 1Page - Linear Technology LT1116CS8 Datasheet HTML 2Page - Linear Technology LT1116CS8 Datasheet HTML 3Page - Linear Technology LT1116CS8 Datasheet HTML 4Page - Linear Technology LT1116CS8 Datasheet HTML 5Page - Linear Technology LT1116CS8 Datasheet HTML 6Page - Linear Technology LT1116CS8 Datasheet HTML 7Page - Linear Technology LT1116CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1116
2
1116fb
1
2
3
4
8
7
6
5
TOP VIEW
Q OUT
Q OUT
GND
V+
+IN
–IN
V–
N8 PACKAGE
8-LEAD PDIP
TJMAX = 100°C, θJA = 130°C/W
–
LATCH
ENABLE
–
+
1
2
3
4
8
7
6
5
TOP VIEW
Q OUT
Q OUT
GND
V+
+IN
–IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 160°C/W
–
LATCH
ENABLE
–
+
Supply Voltage (V+) to GND ...................................... 7V
Negative Supply Voltage (V–) ...................... –7V to GND
Voltage
Differential Input Voltage ...................................
±15V
Inputs Voltage (Either Input) ......... (V–) –0.3V to 15V
Latch Pin Voltage ........................... Equal to Supplies
Output Current (Continuous) ..............................
±20mA
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
SYMBOL
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
RS ≤ 100Ω (Note 2)
1.0
±3.0
mV
●
3.5
mV
∆VOS
Input Offset Voltage Drift
●
5
µV/°C
∆T
IOS
Input Offset Current
(Note 2)
●
0.5
2
µA
lB
Input Bias Current, Sourcing
(Note 3)
●
10
20
µA
Input Voltage Range
Arbitrary Supply Range
●
V –
(V+) –2.5
V
Single 5V Supply
●
0
2.5
V
CMRR
Common Mode Rejection Ratio
– 5V
≤ VCM ≤ 2.5V, VS = ±5V
●
75
90
dB
0V
≤ VCM ≤ 2.5V
●
65
90
dB
PSRR
Power Supply Rejection Ratio
Positive Supply, 4.6V
≤ V+ ≤ 5.4V
●
60
75
dB
Negative Supply, –7
≤ V– ≤ –2V
●
80
100
dB
AV
Small Signal Voltage Gain
1V
≤ VOUT ≤ 2V
1400
3000
V/V
I+
Positive Supply Current
●
27
38
mA
I –
Negative Supply Current
●
57
mA
VOH
Output High Voltage
ISOURCE = 1mA
●
2.7
3.4
V
ISOURCE = 10mA
●
2.4
3.0
V
VOL
Output Low Voltage
lSINK = 4mA
●
0.3
0.5
V
ISINK = 10mA
0.4
V
The
● denotes the specifications which apply over full operating temperature
range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = 5V, VOUT (Q) = 1.4V, LATCH = 0V. Specifications for VOS, IB, CMRR, and
Voltage Gain are valid for single supply operation, V+ = 5V, V – = 0V, unless noted.
ORDER PART
NUMBER
LT1116CN8
ORDER PART
NUMBER
LT1116CS8
S8 PART MARKING
1116
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com