Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1039ACSW16 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1039ACSW16
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039ACSW16 Datasheet(HTML) 3 Page - Linear Technology

  LT1039ACSW16 Datasheet HTML 1Page - Linear Technology LT1039ACSW16 Datasheet HTML 2Page - Linear Technology LT1039ACSW16 Datasheet HTML 3Page - Linear Technology LT1039ACSW16 Datasheet HTML 4Page - Linear Technology LT1039ACSW16 Datasheet HTML 5Page - Linear Technology LT1039ACSW16 Datasheet HTML 6Page - Linear Technology LT1039ACSW16 Datasheet HTML 7Page - Linear Technology LT1039ACSW16 Datasheet HTML 8Page - Linear Technology LT1039ACSW16 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1039A/LT1039A-16
1039afa
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: VON/OFF = 5V for LT1039AM grade devices.
Note 3: VON/OFF = 0.4V for – 55°C ≤ TA ≤ 100°C and VON/OFF = 0.2V for
100
°C ≤ TA ≤ 125°C. Does not apply to LT1039A-16 part.
Note 4: For TA ≥ 100°C leakage current is 350µA max.
Note 5: Bias pin open on 18-pin version.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–55
0
5
15
20
25
50
35
0
50
75
1039A G01
10
40
45
30
–25
25
100
125
SINKING
SOURCING
Driver Output Short-Circuit Current
TEMPERATURE (
°C)
–55
0
0.5
1.5
2.0
2.5
5.0
3.5
0
50
75
1039A G03
1.0
4.0
4.5
3.0
–25
25
100
125
MINIMUM ON VOLTAGE
MINIMUM OFF VOLTAGE
ON/OFF Pin Thresholds
TEMPERATURE (
°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
1039A G02
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
Receiver Input Thresholds
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Leakage Current
Shutdown (Notes 3, 4), VOUT = ±18V, VIN = 0V
q
10
200
µA
Supply Leakage Current
Shutdown (Note 3)
q
1
100
µA
Slew Rate
RL = 3k, CL = 51pF to 2500pF
4
15
30
V/
µs
Supply Current
VOUT = Low
1
5
mA
Prop Delay (tPLH)
0.6
1.2
µs
(tPHL)
0.8
1.2
µs
Receiver VCC = 5V, VON/OFF = 2.5V (Note 2)
Input Voltage Thresholds
Input Low Level (VOUT = High)
q
0.5
1.3
V
Input High Level (VOUT = Low)
q
1.7
2.8
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
q
30
k
Ω
Output Voltage
Output Low, IOUT = – 1.6mA
q
0.4
0.5
V
Output High, IOUT = 160µA
q
3.5
4.8
V
Output Short-Circuit Current
Sourcing Current, VOUT = VCC
q
–10
– 30
mA
Sinking Current, VOUT = 0V
q
15
25
mA
Output Leakage Current
Shutdown (Note 2), 0V
≤ VOUT ≤ VCC, VIN = 0V
q
110
µA
Supply Current
(Note 5)
q
25
mA
Supply Leakage Current
Shutdown (Note 3)
q
1
100
µA
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V
q
–15
80
µA
Prop Delay (tPLH)
200
600
ns
(tPHL)
300
600
ns
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com