Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1870 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1870
Description  LDMOS RF Power-Amplifier Bias Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1870 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1870_06 Datasheet HTML 1Page - Maxim Integrated Products DS1870_06 Datasheet HTML 2Page - Maxim Integrated Products DS1870_06 Datasheet HTML 3Page - Maxim Integrated Products DS1870_06 Datasheet HTML 4Page - Maxim Integrated Products DS1870_06 Datasheet HTML 5Page - Maxim Integrated Products DS1870_06 Datasheet HTML 6Page - Maxim Integrated Products DS1870_06 Datasheet HTML 7Page - Maxim Integrated Products DS1870_06 Datasheet HTML 8Page - Maxim Integrated Products DS1870_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LDMOS RF Power-Amplifier Bias
Controller
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +95°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, HCOM, SDA, and SCL Pins Relative to
Ground ...............................................................-0.5V to +6.0V
Voltage Range on A0, A1, A2, FAULT, VD, ID1, ID2 Relative to
Ground. ...................-0.5V to VCC + 0.5V, not to exceed +6.0V
Voltage Range on L0, L1, W0, and W1 Relative to
Ground .................-0.5V to HCOM + 0.5V, not to exceed +6.0V
Operating Temperature Range ...........................-40°C to +95°C
EEPROM Programming Temperature Range .........0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.5
5.5
V
Input Logic 1
(SDA, SCL, A2, A1, A0)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0
(SDA, SCL, A2, A1, A0)
VIL
-0.3
+0.3 x
VCC
V
HCOM Voltage
4.5
5.5
V
LX and WX Voltage
-0.3
HCOM
+ 0.3
V
Wiper Current
-1
+1
mA
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5 to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Note 2)
1
2
mA
Input Leakage
ILI
-200
+200
nA
VOL1
3mA sink current
0.4
V
Low-Level Output Voltage
(SDA, FAULT)
VOL2
6mA sink current
0.6
V
I/O Capacitance
CI/O
10
pF
Digital Power-On Reset
VPOD
1.0
2.2
V
Analog Power-On Reset
VPOA
2.0
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com