Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1472 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1472
Description  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..........................................................-0.3V to +4.0V
All Other Pins to GND ................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, output power is referenced to 50
Ω, VDD = 2.1V to 3.6V, VENABLE = VDD, TA = -40°C to +125°C, unless
otherwise noted. Typical values are at VDD = 2.7V, TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Supply Voltage
VDD
2.1
3.6
V
VENABLE = VDD
(Note 2)
5.3
9.2
VENABLE = VDD,
VDATA = VDD
9.1
16.4
fRF = 315MHz
VENABLE = VDD,
VDATA = 0V
1.5
2.1
VENABLE = VDD
(Note 2)
5.7
VENABLE = VDD,
VDATA = VDD
9.6
Supply Current
IDD
fRF = 433MHz
VENABLE = VDD,
VDATA = 0V
1.7
2.5
mA
VENABLE < VIL, TA < +85
°C (Note 3)
5
350
nA
Standby Current
ISTDBY
VENABLE < VIL TA < +125
°C (Note 3)
1.7
µA
Frequency Range
fRF
(Note 1)
300
450
MHz
Data Rate
(Note 3)
0
100
kbps
Modulation Depth
ON to OFF POUT ratio (Note 4)
90
dB
TA = +25
°C, VDD = 2.7V (Notes 8, 9)
7.3
10.3
12.8
TA = +125
°C, VDD = 2.1V (Notes 8, 9)
3.3
6.0
Output Power
POUT
TA = -40
°C, VDD = 3.6V (Notes 8, 9)
13.7
16.2
dBm
To fOFFSET < 50kHz (Note 5)
220
Turn-On Time
tON
To fOFFSET < 5kHz (Note 5)
450
µs
fRF = 315MHz (Note 6)
43.6
Transmit Efficiency with CW
fRF = 433MHz (Note 6)
41.3
%
fRF = 315MHz (Note 7)
37.6
Transmit Efficiency at 50%
Duty Cycle
fRF = 433MHz (Note 7)
35.1
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com