Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1123CST Datasheet(PDF) 2 Page - Linear Technology

Part # LT1123CST
Description  Low Dropout Regulator Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1123CST Datasheet(HTML) 2 Page - Linear Technology

  LT1123CST Datasheet HTML 1Page - Linear Technology LT1123CST Datasheet HTML 2Page - Linear Technology LT1123CST Datasheet HTML 3Page - Linear Technology LT1123CST Datasheet HTML 4Page - Linear Technology LT1123CST Datasheet HTML 5Page - Linear Technology LT1123CST Datasheet HTML 6Page - Linear Technology LT1123CST Datasheet HTML 7Page - Linear Technology LT1123CST Datasheet HTML 8Page - Linear Technology LT1123CST Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1123
1123fb
Drive Pin Voltage (VDRIVE to Ground) ..................... 30V
Feedback Pin Voltage (VFB to Ground) .................... 30V
Operating Junction Temperature Range ... 0
°C to 125°C
ORDER PART
NUMBER
LT1123CST
ABSOLUTE
AXI U
RATI GS
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
(Note 1)
ORDER PART
NUMBER
LT1123CZ
ST PART MARKING
3
2
1
FRONT VIEW
TAB IS
GND
FB
GND
DRIVE
ST PACKAGE
3-LEAD PLASTIC SOT-223
BOTTOM VIEW
DRIVE
FB
GND
Z PACKAGE
3-LEAD TO-92 PLASTIC
1123
θJA AT TAB ≈ 20°C/W
TJMAX = 125°C, θJA = 220°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Voltage
IDRIVE = 10mA, TJ = 25°C
4.90
5.00
5.10
V
5mA
≤ IDRIVE ≤ 100mA
3V
≤ VDRIVE ≤ 20V
●
4.80
5.00
5.20
V
Feedback Pin Bias Current
VFB = 5.00V, 2V ≤ VDRIVE ≤ 15V
●
300
500
µA
Drive Current
VFB = 5.20V, 2V ≤ VDRIVE ≤ 15V
●
0.45
1.0
mA
VFB = 4.80V, VDRIVE = 3V
●
125
170
VFB = 0.5V, VDRIVE = 3V, 0°C ≤ TJ ≤ 100°C
25
100
150
Drive Pin Saturation Voltage
IDRIVE = 10mA, VFB = 4.5V
1.4
V
IDRIVE = 125mA, VFB = 4.5V
2.0
Line Regulation
5V < VDRIVE < 20V
●
1.0
±20
mV
Load Regulation
∆IDRIVE = 10 to 100mA
●
–5
–50
mV
Temperature Coefficient of VOUT
0.2
mV/
°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com