Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-202A Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-202A
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-202A Datasheet(HTML) 2 Page - CUI Devices

  PJ-202A Datasheet HTML 1Page - CUI Devices PJ-202A Datasheet HTML 2Page - CUI Devices PJ-202A Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/30/2019
│ page 2 of 3
CUI Devices
│ MODEL: PJ-202A │ DESCRIPTION: DC POWER JACK
cuidevices.com
0.12
3.0
0.19
0.42
10.7
4.7
3.00.12
3.00.12
0.12
3.0
10.7 0.42
0.14
3.5
4.7 0.19
3
1
PCB LAYOUT
3
2
1.00X3.50
TOP VIEW
1
2
1.00X3.00
(2 PLCS)
14.4 0.57
0.14
3.50
(2 PLCS)
2.50.10
1.50.06
9.0
6.500.26
11.0
2.000.08
0.43
0.26
0.35
6.50
3.000.12
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
tin
terminal 2
copper alloy
tin
terminal 3
brass
tin
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
3
2
1
Model
PJ-202A
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 9.0 mm
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com