Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1142CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1142CG
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1142CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1142CG Datasheet HTML 1Page - Linear Technology LTC1142CG Datasheet HTML 2Page - Linear Technology LTC1142CG Datasheet HTML 3Page - Linear Technology LTC1142CG Datasheet HTML 4Page - Linear Technology LTC1142CG Datasheet HTML 5Page - Linear Technology LTC1142CG Datasheet HTML 6Page - Linear Technology LTC1142CG Datasheet HTML 7Page - Linear Technology LTC1142CG Datasheet HTML 8Page - Linear Technology LTC1142CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1142/LTC1142L/LTC1142HV
Input Supply Voltage (Pins 10, 24)
LTC1142, LTC1142L-ADJ ..................... 16V to – 0.3V
LTC1142HV, LTC1142HV-ADJ ............. 20V to – 0.3V
Continuous Output Current (Pins 6, 9, 20, 23) .... 50mA
Sense Voltages (Pins 1, 14, 15, 28)
VIN > 13V.............................................. 13V to –0.3V
VIN < 13V.................................. (VIN + 0.3V) to –0.3V
Operating Ambient Temperature Range ...... 0
°C to 70°C
Extended Commercial
Temperature Range ........................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
ORDER PART
NUMBER
LTC1142CG
LTC1142HVCG
LTC1142HVCG-ADJ
LTC1142LCG-ADJ
TJMAX = 125°C, θJA = 95°C/W
TJMAX = 125°C, θJA = 95°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SENSE +3
SHDN3
SGND3
PGND3
NC
NDRIVE 3
NC
NC
PDRIVE 5
VIN5
CT5
INTVCC5
ITH5
SENSE –5
SENSE –3
ITH3
INTVCC3
CT3
VIN3
PDRIVE 3
NC
NC
NDRIVE 5
NC
PGND5
SGND5
SHDN5
SENSE +5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SENSE+1
VFB1
SHDN1
SGND1
PGND1
NDRIVE 1
NC
NC
PDRIVE 2
VIN2
CT2
INTVCC2
ITH2
SENSE –2
SENSE –1
ITH1
INTVCC1
CT1
VIN1
PDRIVE 1
NC
NC
NDRIVE 2
PGND2
SGND2
SHDN2
VFB2
SENSE +2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V2, V16
Feedback Voltage
LTC1142HV-ADJ, LTC1142L-ADJ : V10, V24 = 9V
q
1.21
1.25
1.29
V
I2, I16
Feedback Current
LTC1142HV-ADJ, LTC1142L-ADJ
q
0.2
1
µA
VOUT
Regulated Output Voltage
LTC1142, LTC1142HV
3.3V Output
ILOAD = 700mA, V24 = 9V
q
3.23
3.33
3.43
V
5V Output
ILOAD = 700mA, V10 = 9V
q
4.90
5.05
5.20
V
∆VOUT
Output Voltage Line Regulation
V10, V24 = 7V to 12V, ILOAD = 50mA
– 40
0
40
mV
Output Voltage Load Regulation
Figure 1 Circuit
3.3V Output
5mA < ILOAD < 2A
q
40
65
mV
5V Output
5mA < ILOAD < 2A
q
60
100
mV
Output Ripple (Burst Mode)
ILOAD = 0A
50
mVP-P
I10, I24
Input DC Supply Current (Note 3)
LTC1142
Normal Mode
4V < V10, V24 < 12V
1.6
2.1
mA
Sleep Mode
4V < V24 < 12V, 6V < V10 < 12V
160
230
µA
Shutdown
VSD1 = VSD2 = 2.1V, 4V < V10, V24 < 12V
10
20
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V10 = V24 = 10V, VSHDN = 0V unless otherwise noted.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com