Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1147-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1147-5
Description  High Efficiency Step-Down Switching Regulator Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1147-5 Datasheet HTML 1Page - Linear Technology LTC1147-5 Datasheet HTML 2Page - Linear Technology LTC1147-5 Datasheet HTML 3Page - Linear Technology LTC1147-5 Datasheet HTML 4Page - Linear Technology LTC1147-5 Datasheet HTML 5Page - Linear Technology LTC1147-5 Datasheet HTML 6Page - Linear Technology LTC1147-5 Datasheet HTML 7Page - Linear Technology LTC1147-5 Datasheet HTML 8Page - Linear Technology LTC1147-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
Input Supply Voltage (Pin 1) .................... 16V to – 0.3V
Continuous Output Current (Pin 8) ...................... 50mA
Sense Voltages (Pins 4, 5)
VIN ≥ 12.7V ...........................................13V to –0.3V
VIN < 12.7V ............................... (VIN + 0.3V) to –0.3V
ABSOLUTE
AXI U
RATI GS
Operating Ambient Temperature Range
LTC1147C ............................................... 0
°C to 70°C
LTC1147I ............................................. –40
°C to 85°C
Extended Commercial
Temperature Range (Note 4) ................. – 40
°C to 85°C
Junction Temperature (Note 1) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V6
Feedback Voltage (LTC1147L)
VIN = 9V
q
1.21
1.25
1.29
V
I6
Feedback Current (LTC1147L)
q
0.2
1
µA
VOUT
Regulated Output Voltage
VIN = 9V
LTC1147-3.3, LTC1147L-3.3
ILOAD = 700mA
q
3.23
3.33
3.43
V
LTC1147-5
ILOAD = 700mA
q
4.90
5.05
5.20
V
∆VOUT
Output Voltage Line Regulation
VIN = 7V to 12V, ILOAD = 50mA
– 40
0
40
mV
Output Voltage Load Regulation
LTC1147-3.3, LTC1147L-3.3
5mA < ILOAD < 2A
q
40
65
mV
LTC1147-5
5mA < ILOAD < 2A
q
60
100
mV
Burst Mode Output Ripple
ILOAD = 0A
50
mVP-P
IQ
Input DC Supply Current (Note 2)
(Note 5)
LTC1147 Series
Normal Mode
4V < VIN < 12V
1.6
2.1
mA
Sleep Mode
4V < VIN < 12V
160
230
µA
Sleep Mode (LTC1147-5)
5V < VIN < 12V
160
230
µA
Shutdown
VSHDN = 2.1V, 4V < VIN < 12V
10
20
µA
LTC1147L Series
Normal Mode
3.5V < VIN < 12V
1.6
2.1
mA
Sleep Mode
3.5V < VIN < 12V
160
230
µA
Shutdown (LTC1147L-3.3)
VSHDN = 2.1V, 3.5V < VIN < 12V
10
20
µA
TA = 25°C, VIN = 10V, VSHDN = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult factory for Military grade parts.
PACKAGE/ORDER I FOR ATIO
* ADJUSTABLE OUTPUT VERSION
SHDN
(VFB*)
1
2
3
4
8
7
6
5
TOP VIEW
VIN
CT
ITH
SENSE–
PDRIVE
GND
SENSE+
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 110°C/W (N)
TJMAX = 125°C, θJA = 150°C/W (S)
LTC1147IS8-5
LTC1147LCS8
LTC1147LCS8-3.3
LTC1147LIS8
11473
11475
1147I3
1147I5
1147L
1147L3
1147LI
LTC1147CN8-3.3
LTC1147CN8-5
LTC1147CS8-3.3
LTC1147CS8-5
LTC1147IS8-3.3
ORDER PART NUMBER
S8 PART MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com