Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6003GTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMS6003GTA
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6003GTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMS6003GTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6003GTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZXMS6003G
Electrical Characteristics (@TA = +25°C, unless otherwise stated.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
60
70
75
V
ID = 10mA
Off State Drain Current
IDSS
—
0.1
3
µA
VDS = 12V, VIN = 0V
Off State Drain Current
IDSS
—
3
15
µA
VDS = 32V, VIN = 0V
Input Threshold Voltage (Note 8)
VIN(TH)
1
2.1
—
V
VDS = VGS, ID = 1mA
Input Current
IIN
—
0.7
1.2
mA
VIN = 5V
Input Current
IIN
—
1.5
2.7
mA
VIN = 7V
Input Current
IIN
—
4
7
mA
VIN = 10V
Static Drain-Source On-State
Resistance
RDS(ON)
—
520
675
m
Ω
VIN = 5V, ID = 0.2A
Static Drain-Source On-State
Resistance
RDS(ON)
—
385
500
m
Ω
VIN = 10V, ID = 0.5A
Current Limit (Note 9)
ID(LIM)
0.2
0.3
0.4
A
VIN = 5V, VDS = 10V, RPROG = 20k
Current Limit (Note 9)
ID(LIM)
0.7
0.9
1.2
A
VIN = 10V, VDS = 10V, RPROG = 20k
Dynamic Characteristics
Turn-On Time (VIN to 90% ID)
tON
—
3
—
µs
RPROG = 20k, RL = 22
Ω, VIN = 0 to 10V,
VDD = 12V
Turn-Off Time (VIN to 90% ID)
tOFF
—
13
—
µs
RPROG = 20k, RL = 22
Ω, VIN = 10V to 0V,
VDD = 12V
Slew Rate On (70 to 50% VDD)
dVDS/dtON
—
8
—
V/µs
RPROG= 20k, RL = 22
Ω, VIN = 0 to 10V,
VDD = 12V
Slew Rate Off (50 to 70% VDD)
dVDS/dtON
—
3.2
—
V/µs
RPROG = 20k, RL = 22
Ω, VIN = 10V to 0V,
VDD = 12V
Protection Functions (Note 10)
Required Input Voltage for Over-
Temperature Protection
VPROT
4.5
—
—
V
—
Thermal Overload Trip
Temperature
TJT
+150
+175
—
°C
—
Thermal Hysteresis
—
—
+1
—
°C
—
Unclamped Single Pulse Inductive
Energy TJ = +25°C
EAS
550
—
—
mJ
ID(ISO) = 0.7A, VDD = 32V
Unclamped Single Pulse Inductive
Energy TJ = +150°C
EAS
200
—
—
mJ
ID(ISO) = 0.7A, VDD = 32V
Status Flag
Normal Operation
VSTATUS
—
4.95
—
V
VIN = 5V
Current Limit Operating
VSTATUS
—
2.5
—
V
VIN = 5V
Thermal Shutdown Activated
VSTATUS
—
0.2
1
V
VIN = 5V
Normal Operation
VSTATUS
—
8
—
V
VIN = 10V
Current Limit Operation
VSTATUS
—
3
—
V
VIN = 10V
Thermal Shutdown Activated
VSTATUS
—
0.35
1
V
VIN = 10V
Inverse Diode
Source Drain Voltage
VSD
—
—
1
V
VIN = 0V, -ID = 1.4A
Notes:
8. Protection features may operate outside spec for VIN < 4.5V.
9. The drain current is limited to a reduced value when VDS exceeds a safe level.
10. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the datasheet. Fault conditions are considered
as “outside” normal operating range. Protection functions are not designed for continuous, repetitive operation.
ZXMS6003G
Document number: DS33607 Rev. 5 - 2
5 of 9
www.diodes.com
July 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com