Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1127CSW
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1127CSW Datasheet HTML 4Page - Linear Technology LT1127CSW Datasheet HTML 5Page - Linear Technology LT1127CSW Datasheet HTML 6Page - Linear Technology LT1127CSW Datasheet HTML 7Page - Linear Technology LT1127CSW Datasheet HTML 8Page - Linear Technology LT1127CSW Datasheet HTML 9Page - Linear Technology LT1127CSW Datasheet HTML 10Page - Linear Technology LT1127CSW Datasheet HTML 11Page - Linear Technology LT1127CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1126/LT1127
11267fa
1126-7 SS01
200
µA
100
µA
200
6k
200
6k
50
200
µA
V –
100
µA
V +
OUTPUT
Q12
Q11
Q15
Q16
Q22
Q23
Q24
Q2B
Q1B
Q1A
INVERTING
INPUT (–)
NON-INVERTING
INPUT (+)
Q10
Q3
Q9
Q7
21k
21k
200pF
3.6k
Q17
Q19
Q20
3.6k
Q18
360
µA
V+
V+
20pF
5pF
400
67pF
Q2A
570
µA
Q25
Q26
Q27
20
20
Q30
Q29
Q28
V –
Q13
Q8
©LINEAR TECHNOLOGY CORPORATION 1992
S
A
CHE
TI
I
CD AGRA
(1/2 LT1126, 1/4 LT1127)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LT/LT 0705 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1124/LT1125
Dual/Quad Low Noise High Speed Precision Op Amps
Unity Gain Stable
LT1037
Low Noise, High Speed Precision Op Amps
60MHz GBW, 11V/
µs Slew Rate
LT1678/LT1679
Dual/Quad Low Noise Rail-to-Rail Precision Op Amps
20MHz GBW, 100
µV VOS
LT1028
Ultralow Noise Precision High Speed Op Amps
1.1nV/
√Hz Max, 0.85 µV/Hz Typ
LT6230
215MHz, Rail-to-Rail Output Low Noise Op Amps
1.1nV/
√Hz, 3.5mA Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com