Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127ACN Datasheet(PDF) 2 Page - Linear Technology

Part # LT1127ACN
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127ACN Datasheet(HTML) 2 Page - Linear Technology

  LT1127ACN Datasheet HTML 1Page - Linear Technology LT1127ACN Datasheet HTML 2Page - Linear Technology LT1127ACN Datasheet HTML 3Page - Linear Technology LT1127ACN Datasheet HTML 4Page - Linear Technology LT1127ACN Datasheet HTML 5Page - Linear Technology LT1127ACN Datasheet HTML 6Page - Linear Technology LT1127ACN Datasheet HTML 7Page - Linear Technology LT1127ACN Datasheet HTML 8Page - Linear Technology LT1127ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1126/LT1127
11267fa
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS (Note 1)
Operating Temperature Range
LT1126AM/LT1126M
LT1127AM/LT1127M (OBSOLETE) .. –55
°C to 125°C
LT1126AC/LT1126C
LT1127AC/LT1127C ............................ –40
°C to 85°C
Storage Temperature Range
All Grades ......................................... –65
°C to 150°C
Supply Voltage .....................................................
±22V
Input Voltage ............................ Equal to Supply Voltage
Output Short Circuit Duration .......................... Indefinite
Differential Input Current (Note 5) ......................
±25mA
Lead Temperature (Soldering, 10 sec.)................. 300
°C
J PACKAGE
14-LEAD CERAMIC DIP
TJMAX = 160°C, θJA = 80°C/W
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
B
A
C
D
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
A
B
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V +
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
B
A
C
D
LT1127ACN
LT1127CN
LT1126ACN8
LT1126CN8
ORDER PART
NUMBER
LT1127CSW
ORDER PART
NUMBER
LT1126CS8
1126
1
2
3
4
8
7
6
5
TOP VIEW
–IN A
OUT A
V+
OUT B
+IN A
V–
+IN B
–IN B
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 140°C, θJA = 190°C/W
NOTE: THIS PIN CONFIGURATION DIFFERS FROM THE
8-PIN PDIP CONFIGURATION. INSTEAD, IT FOLLOWS
THE INDUSTRY STANDARD LT1013DS8 SO PACKAGE
PIN LOCATIONS
TJMAX = 140°C, θJA = 130°C/W
TJMAX = 140°C, θJA = 130°C
TJMAX = 140°C, θJA = 110°C (N)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the N8 for Alternate Source
LT1126AMJ8
LT1126MJ8
LT1126CJ8
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 160°C, θJA = 100°C/W
LT1127AMJ
LT1127MJ
LT1127CJ
OBSOLETE PACKAGE
Consider the N for Alternate Source
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
S8 PART
MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com