Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2016 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2016
Description  Evaluation Kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2016_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 7Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 8Page - Maxim Integrated Products MAX2016_1 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Quick Start
The MAX2016 EV kit is fully assembled and factory test-
ed. See the Connections and Setup section for proper
device evaluation.
Recommended Equipment
• One DC power supply capable of delivering between
2.7V and 5.25V at 100mA (see the Power-Supply
Connection section for supply voltages > 3.6V).
• Two signal generators capable of delivering -65dBm
to +5dBm at frequencies between 100MHz and
2.5GHz.
• One high-dynamic-range RF power meter for cali-
brating the signal generator.
• Five digital multimeters (DMMs) to monitor supply
voltage, supply current, and output voltages.
• Two 6dB attenuator pads.
Connection and Setup
This section provides a step-by-step guide to testing
the basic functionality of the EV kit. As a general pre-
caution to prevent damaging the device, do not turn
on the DC power or the RF signal generator until all
connections are made:
1) With the DC power supply disabled, set it to +3.3V
(through a low internal-resistance ammeter, if
desired) and connect to the VS (TP1) terminal.
Connect the power-supply ground to the GND
(TP2) terminal on the EV kit. If available, set the cur-
rent limit to 100mA.
2) Calibrate the power meter at 100MHz.
3) Connect the RF signal generators to the power
meter through a 6dB attenuator pad.
4) Calibrate the signal generator’s output (frequency
= 100MHz) over the desired power range.
Note: Some power meters may be limited in terms
of their dynamic range.
5) Disable the RF signal generator output powers.
Disconnect the power meter from the attenuator
pad and connect these pad outputs to the RFINA
and RFINB SMAs on the EV kit.
6) Connect the VOUTA, VOUTB, and VOUTD wires to
three voltmeters. Enable the DC power supply. The
DC current of the EV kit should be approximately
43mA.
MAX2016 Evaluation Kit
2
_______________________________________________________________________________________
100MHz -24dBm
100MHz -24dBm
(VOLTMETER)
1.3VDC
(VOLTMETER)
1.3VDC
(VOLTMETER)
1VDC
(VOLTMETER)
(AMMETER)
3.30VDC
43.0mA
3.30VDC
MAX2016 EV KIT
J1
SMA
RFINA
TP5
VOUTB
TP1
VS
TP2
GND
J2
SMA
RFINB
TP3
VOUTA
VOUTD
TP10
6dB
6dB
TP6
A
TP7
A+B
TP8
B
TP11
CSETH
TP12
CSETL
TP4
GND
Figure 1. MAX2016 EV Kit Test Setup Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com