Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2016 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2016 Datasheet HTML 1Page - Maxim Integrated Products MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND .........................................................-0.3V to +5.25V
Input Power Differential (RFIN_+, RFIN_-)......................+23dBm
Input Power Single Ended (RFIN_+ or RFIN _-) .............+19dBm
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin, 5mm x 5mm Thin QFN (derate 35.7mW/°C
above +70°C)..................................................................2.8W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +3.6V, R1 = R2 = R3 = 0
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V,
CSETL = CSETH = VCC, 50
Ω RF system, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VS
R6 = 0
Ω
2.7
3.3
3.6
Supply Voltage
VS
R6 = 37.4
Ω
4.75
5
5.25
V
Total Supply Current
ICC
43
55
mA
Measured in each pin 2 and pin 20
16
Measured in pin 9
2
Supply Current
Measured in pin 12
9
mA
INPUT INTERFACE
Input Impedance
Differential impedance at RFINA and RFINB
50
Ω
Resistance at SETD
20
Input Resistance
R
Resistance at SETA and SETB
40
k
Ω
DETECTOR OUTPUT
Source Current
Measured at OUTA, OUTB, and OUTD
4
mA
Sink Current
Measured at OUTA, OUTB, and OUTD
0.45
mA
Minimum Output Voltage
Measured at OUTA, OUTB, and OUTD
0.5
V
Maximum Output Voltage
Measured at OUTA, OUTB, and OUTD
1.8
V
Difference Output VOUTD
PRFINA = PRFINB = -30dBm
1
V
OUTD Accuracy
±12
mV
COMPARATORS
Output High Voltage
VOH
RLOAD
≥ 10kΩ
VCC -
10mV
V
Output Low Voltage
VOL
RLOAD
≥ 10kΩ
10
mV
Input Voltage
Measured at CSETL and CSETH
GND to
VCC
V
Input Bias Current
CSETL and CSETH
1
nA
REFERENCE
Output Voltage on Pin 25
RLOAD
≥ 2kΩ
2V
Load Regulation
Source 2mA
-5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com