Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1159CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1159CG
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1159CG Datasheet HTML 1Page - Linear Technology LTC1159CG Datasheet HTML 2Page - Linear Technology LTC1159CG Datasheet HTML 3Page - Linear Technology LTC1159CG Datasheet HTML 4Page - Linear Technology LTC1159CG Datasheet HTML 5Page - Linear Technology LTC1159CG Datasheet HTML 6Page - Linear Technology LTC1159CG Datasheet HTML 7Page - Linear Technology LTC1159CG Datasheet HTML 8Page - Linear Technology LTC1159CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1159
LTC1159-3.3/LTC1159-5
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Supply Voltage (Pin 2) ..................... – 15V to 60V
VCC Output Current (Pin 3) .................................. 50mA
Continuous Pin Currents (Any Pin) ...................... 50mA
Sense Voltages ......................................... – 0.3V to 13V
Shutdown Voltages ................................................... 7V
EXTVCC Input Voltage ............................................. 15V
Junction Temperature (Note 2) ............................ 125
°C
Operating Temperature Range
LTC1159C .............................................. 0
°C to 70°C
LTC1159I ........................................... – 40
°C to 85°C
Extended Commercial
Temperature Range ............................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
LTC1159CG
LTC1159CG-3.3
LTC1159CG-5
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 135°C/ W
LTC1159CN
LTC1159CN-3.3
LTC1159CN-5
LTC1159CS
LTC1159CS-3.3
LTC1159CS-5
LTC1159IS
LTC1159IS-3.3
LTC1159IS-5
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
9
10
TOP VIEW
G PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
P-GATE
VIN
VCC
P-DRIVE
P-DRIVE
VCC
VCC
CT
ITH
SENSE
CAP
SHDN2
EXTVCC
PGND
N-GATE
PGND
SGND
SHDN1
VFB
SENSE+
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE
CAP
SHDN2
EXTVCC
N-GATE
PGND
SGND
SENSE+
*FIXED OUTPUT VERSIONS
VFB (SHDN1)*
TJMAX = 125°C, θJA = 80°C/ W (N)
TJMAX = 125°C, θJA = 110°C/ W (S)
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage (LTC1159 Only)
q
1.21
1.25
1.29
V
IFB
Feedback Current (LTC1159 Only)
q
0.2
µA
VOUT
Regulated Output Voltage
VIN = 9V
LTC1159-3.3
ILOAD = 700mA
q
3.23
3.33
3.43
V
LTC1159-5
ILOAD = 700mA
q
4.90
5.05
5.20
V
∆VOUT
Output Voltage Line Regulation
VIN = 9V to 40V
– 40
0
40
mV
Output Voltage Load Regulation
LTC1159-3.3
5mA < ILOAD < 2A
q
40
65
mV
LTC1159-5
5mA < ILOAD < 2A
q
60
100
mV
Burst Mode Output Ripple
ILOAD = 0A
50
mVP-P
IIN
VIN Pin Current (Note 4)
Normal Mode
VIN = 12V, EXTVCC = 5V
200
µA
VIN = 40V, EXTVCC = 5V
300
µA
Shutdown
VIN = 12V, VSHDN2 = 2V
15
µA
VIN = 40V, VSHDN2 = 2V
25
µA
IEXTVCC
EXTVCC Pin Current (Note 4)
EXTVCC = 5V, Sleep Mode
250
µA
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VSHDN1 = 0V (Note 3), unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com