Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

556708 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 556708
Description  Swivel actuator unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

556708 Datasheet(HTML) 1 Page - Festo Corporation.

  556708 Datasheet HTML 1Page - Festo Corporation. 556708 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Swivel actuator unit
DSL-32-80-270-P-A-S2-KF-B
Part number: 556708
General operating condition
Data sheet
Feature
Value
Adjustment range of swivel angle
0 deg ... 270 deg
Stroke
80 mm
Piston diameter
32 mm
Swivel angle
0 deg ... 272 deg
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Precision adjustment
-6 deg
Mode of operation
Double-acting
Structural design
Rotary vane
Position sensing
For proximity sensor
Symbol
00991268
Variants
Through piston rod
Protection against torsion/guide
Guided on ball bearings
Operating pressure
2.5 bar ... 8 bar
Max. impact velocity
0.5 m/s
Max. swivel frequency at 6 bar
2 Hz
Swivel angle backlash
0.05 deg
Repetition accuracy
1 deg
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
-10 °C ... 60 °C
Dynamic load torque
1 Nm
Theoretical force at 6 bar, retracting
294 N
Theoretical force at 6 bar, advancing
403.5 N
Theoretical torque at 6 bar
10 Nm
Permissible mass moment of inertia
0.0021 kgm²
Product weight
3120 g
Basic weight with 0 mm stroke
3120 g
Additional weight per 10 mm stroke
109 g
Type of mounting
Optionally:
Clamped in T slot
With external thread
Pneumatic connection
G1/8
8/6/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 556708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
556700 FESTO-556700 Datasheet
99Kb / 2P
Swivel actuator unit
556702 FESTO-556702 Datasheet
95Kb / 2P
Swivel actuator unit
556703 FESTO-556703 Datasheet
97Kb / 2P
Swivel actuator unit
556705 FESTO-556705 Datasheet
97Kb / 2P
Swivel actuator unit
556706 FESTO-556706 Datasheet
99Kb / 2P
Swivel actuator unit
More results

Similar Description - 556708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGDS-PP-12-P1-A-B FESTO-HGDS-PP-12-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-12-P-A-B FESTO-HGDS-PP-12-P-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-12-YSRT-A-B FESTO-HGDS-PP-12-YSRT-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P1-A-B FESTO-HGDS-PP-16-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P-A-B FESTO-HGDS-PP-16-P-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-16-YSRT-A-B FESTO-HGDS-PP-16-YSRT-A-B Datasheet
89Kb / 2P
Swivel/gripper unit
HGDS-PP-20-P1-A-B FESTO-HGDS-PP-20-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-20-P-A-B FESTO-HGDS-PP-20-P-A-B Datasheet
94Kb / 2P
Swivel/gripper unit
HGDS-PP-20-YSRT-A-B FESTO-HGDS-PP-20-YSRT-A-B Datasheet
95Kb / 2P
Swivel/gripper unit
VZPR-BPD-22-R212 FESTO-VZPR-BPD-22-R212 Datasheet
92Kb / 1P
Ball valve actuator unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com