Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1161ISW Datasheet(PDF) 2 Page - Linear Technology

Part # LT1161ISW
Description  Quad Protected High-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161ISW Datasheet(HTML) 2 Page - Linear Technology

  LT1161ISW Datasheet HTML 1Page - Linear Technology LT1161ISW Datasheet HTML 2Page - Linear Technology LT1161ISW Datasheet HTML 3Page - Linear Technology LT1161ISW Datasheet HTML 4Page - Linear Technology LT1161ISW Datasheet HTML 5Page - Linear Technology LT1161ISW Datasheet HTML 6Page - Linear Technology LT1161ISW Datasheet HTML 7Page - Linear Technology LT1161ISW Datasheet HTML 8Page - Linear Technology LT1161ISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1161
1161fa
1
2
3
4
5
6
7
8
9
10
TOP VIEW
N PACKAGE
20-LEAD PLASTIC DIP
SW PACKAGE
20-LEAD PLASTIC SO
20
19
18
17
16
15
14
13
12
11
GND
TIMER1
INPUT 1
TIMER 2
INPUT 2
TIMER 3
INPUT 3
TIMER 4
INPUT 4
GND
V+
SENSE 1
GATE 1
SENSE 2
GATE 2
SENSE 3
GATE 3
SENSE 4
GATE 4
V+
Supply Voltages (Pins 11, 20) ................... – 15V to 60V
Input Voltages (Pins 3, 5, 7, 9) ...... (GND – 0.3V) to 15V
Gate Voltages (Pins 12, 14, 16, 18) ........................ 75V
Sense Voltages (Pins 13, 15, 17, 19) ................. V +
±5V
Current (Any Pin) .................................................. 50mA
Operating Temperature Range
LT1161C ............................................... 0
°C to 70°C
LT1161I ............................................ – 40
°C to 85°C
Junction Temperature Range (Note 1)
LT1161C .............................................. 0
°C to 125°C
LT1161I ......................................... – 40
°C to 150°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
θJA = 70°C/ W (N)
θJA = 110°C/ W (S)
ORDER PART
NUMBER
LT1161CN
LT1161CSW
LT1161IN
LT1161ISW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
All Channels OFF (Note 2)
3
4.5
6.5
mA
∆IS(ON)
Delta Supply Current (ON State)
Measure Increase in IS per Channel
1
1.35
mA
VINH
Input High Voltage
●
2V
VINL
Input Low Voltage
●
0.8
V
IIN
Input Current
VIN = 2V
●
15
30
50
µA
VIN = 5V
●
55
110
185
µA
CIN
Input Capacitance
5pF
VT(TH)
Timer Threshold Voltage
VIN = 2V, Adjust VT
●
2.7
3
3.3
V
VT(CL)
Timer Clamp Voltage
VIN = 0.8V
3.2
3.5
3.8
V
IT
Timer Charge Current
VIN = VT = 2V
9
14
20
µA
VSEN
Drain Sense Threshold Voltage
50
65
80
mV
Temperature Coefficient
+0.33
%/
°C
ISEN
Drain Sense Input Current
V + = 48V, VSEN = 65mV
0.5
1.5
µA
VGATE – V +
Gate Voltage Above Supply
V + = 8V
4
4.5
6
V
V + = 12V
●
7
8.5
10
V
V + = 24V
●
10
12
14
V
V + = 48V
●
10
12
14
V
tON
Turn-ON Time
V + = 24V, VGATE > 32V, CGATE = 1000pF
100
220
400
µs
tOFF
Turn-OFF Time
V + = 24V, VGATE < 2V, CGATE = 1000pF
75
200
µs
tOFF(CL)
Current Limit Turn-OFF Time
V + = 24V, (V + – VSENSE ) → 0.1V, CGATE = 1000pF
25
50
µs
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 12V to 48V each channel, unless otherwise noted.
Note 2: Both V + pins (11, 20) must be connected together and both
ground pins (1, 10) must be connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com