Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1167CS8
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1167CS8 Datasheet HTML 1Page - Linear Technology LT1167CS8 Datasheet HTML 2Page - Linear Technology LT1167CS8 Datasheet HTML 3Page - Linear Technology LT1167CS8 Datasheet HTML 4Page - Linear Technology LT1167CS8 Datasheet HTML 5Page - Linear Technology LT1167CS8 Datasheet HTML 6Page - Linear Technology LT1167CS8 Datasheet HTML 7Page - Linear Technology LT1167CS8 Datasheet HTML 8Page - Linear Technology LT1167CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1167
LT1167AC/LT1167AI
LT1167C/LT1167I
SYMBOL
PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
in
Input Noise Current
fO = 0.1Hz to 10Hz
10
10
pAP-P
Input Noise Current Density
fO = 10Hz
124
124
fA/
√Hz
RIN
Input Resistance
VIN = ±10V
200
1000
200
1000
G
Ω
CIN(DIFF)
Differential Input Capacitance
fO = 100kHz
1.6
1.6
pF
CIN(CM)
Common Mode Input
fO = 100kHz
1.6
1.6
pF
Capacitance
VCM
Input Voltage Range
G = 1, Other Input Grounded
VS = ±2.3V to ±5V
– VS + 1.9
+ VS – 1.2 – VS + 1.9
+ VS – 1.2
V
VS = ±5V to ±18V
– VS + 1.9
+ VS – 1.4 – VS + 1.9
+ VS – 1.4
V
CMRR
Common Mode
1k Source Imbalance,
Rejection Ratio
VCM = 0V to ±10V
G = 1
9095
8595
dB
G = 10
106
115
100
115
dB
G = 100
120
125
110
125
dB
G = 1000
126
140
120
140
dB
PSRR
Power Supply
VS = ±2.3 to ±18V
Rejection Ratio
G = 1
105
120
100
120
dB
G = 10
125
135
120
135
dB
G = 100
131
140
126
140
dB
G = 1000
135
150
130
150
dB
IS
Supply Current
VS = ±2.3V to ±18V
0.9
1.3
0.9
1.3
mA
VOUT
Output Voltage Swing
RL = 10k
VS = ±2.3V to ±5V
– VS + 1.1
+ VS – 1.2 – VS + 1.1
+ VS – 1.2
V
VS = ±5V to ±18V
– VS + 1.2
+ VS – 1.3 – VS + 1.2
+ VS – 1.3
V
IOUT
Output Current
20
27
20
27
mA
BW
Bandwidth
G = 1
1000
1000
kHz
G = 10
800
800
kHz
G = 100
120
120
kHz
G = 1000
12
12
kHz
SR
Slew Rate
G = 1, VOUT = ±10V
0.75
1.2
0.75
1.2
V/
µs
Settling Time to 0.01%
10V Step
G = 1 to 100
14
14
µs
G = 1000
130
130
µs
RREFIN
Reference Input Resistance
20
20
k
Ω
IREFIN
Reference Input Current
VREF = 0V
50
50
µA
VREF
Reference Voltage Range
– VS + 1.6
+ VS – 1.6 – VS + 1.6
+ VS – 1.6
V
AVREF
Reference Gain to Output
1
± 0.0001
1
± 0.0001
VS = ±15V, VCM = 0V, TA = 25°C, RL = 2k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com