Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1164CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1164CSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1164CSW Datasheet HTML 3Page - Linear Technology LTC1164CSW Datasheet HTML 4Page - Linear Technology LTC1164CSW Datasheet HTML 5Page - Linear Technology LTC1164CSW Datasheet HTML 6Page - Linear Technology LTC1164CSW Datasheet HTML 7Page - Linear Technology LTC1164CSW Datasheet HTML 8Page - Linear Technology LTC1164CSW Datasheet HTML 9Page - Linear Technology LTC1164CSW Datasheet HTML 10Page - Linear Technology LTC1164CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1164
7
1164fa
Power Supplies (Pins 7,19)
They should be bypassed with 0.1µF ceramic disc. Low
noise, non-switching, power supplies are recommended.
The device operates with a single 5V supply and with dual
supplies. The absolute maximum operating power supply
voltage is ±8.25V. Supply reversal is not allowed and can
cause latch up. When using dual supplies, loads between
the positive and negative supply (even light loads) can
cause momentary supply reversal during power-up. A
clamp diode from each supply to ground will prevent
reversal and latch problems.
Clock (Pin 18)
For ±5V supplies the logic threshold level is 1.8V. For ±8V
and 0 to 5V supplies the logic threshold level is 2.8V. The
logic threshold levels vary ±100mV over the full military
temperature range. The recommended duty cycle of the
input clock is 50%, although for clock frequencies below
500kHz the clock “on” time can be as low as 200ns. The
maximum clock frequency for single 5V supply and Q
values <5 is 500kHz and for ±5V supplies and above is
1MHz. The clock input can be applied before power is
turned on as long as there is no chance the clock signal will
go below the V– supply.
AGND (PIN 6)
When the LTC1164 operates with dual supplies, Pin 6
should be tied to system ground. When the LTC1164
operates with a single positive supply, the analog ground
pin should be tied to 1/2 supply and it should be bypassed
with a 4.7µF solid tantalum in parallel with a 0.1µF ceramic
disc, Figure 2. The positive input of all the internal op
amps, as well as the common reference of all the internal
switches, are internally tied to the analog ground pin.
Because of this, a very “clean” ground is recommended.
50/100 (Pin 17)
By tying Pin 17 to V+, all filter sections operate with a clock-
to-center frequency ratio internally set at 50:1. When Pin
17 is at mid-supplies, sections B and C operate with (fCLK/
fO) = 50:1 and sections A and D operate at (100:1). When
Pin 17 is shorted to the negative supply pin, all filter
sections operate with (fCLK/fO) = 100:1.
Figure 2. Single Supply Operation
LTC1164 • PD01
TO DIGITAL
GROUND
ANALOG
GROUND
PLANE
NOTE: PIN 5, 8, 20, IF NOT USED, SHOULD BE CONNECTED TO PIN 6.
*LT1004 CAN BE REPLACED WITH A 7.5k RESISTOR FOR V+ >6.5V
7.5k
LT1004*
V+
124
223
322
421
520
V+/2
619
4.7µF
0.1µF
0.1µF
718
817
916
10
15
11
14
12
13
CLOCK INPUT
V+ = 15V, TRIP VOLTAGE = 7V
V+ = 10V, TRIP VOLTAGE = 6.4V
V+ = 5V, TRIP VOLTAGE = 3V
LTC1164
AGND
V+
V –
CLK
50/100
+
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com