Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167IN8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1167IN8
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167IN8 Datasheet(HTML) 2 Page - Linear Technology

  LT1167IN8 Datasheet HTML 1Page - Linear Technology LT1167IN8 Datasheet HTML 2Page - Linear Technology LT1167IN8 Datasheet HTML 3Page - Linear Technology LT1167IN8 Datasheet HTML 4Page - Linear Technology LT1167IN8 Datasheet HTML 5Page - Linear Technology LT1167IN8 Datasheet HTML 6Page - Linear Technology LT1167IN8 Datasheet HTML 7Page - Linear Technology LT1167IN8 Datasheet HTML 8Page - Linear Technology LT1167IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1167
ORDER PART
NUMBER
S8 PART MARKING
LT1167ACN8
LT1167ACS8
LT1167AIN8
LT1167AIS8
LT1167CN8
LT1167CS8
LT1167IN8
LT1167IS8
1167A
1167AI
1
2
3
4
8
7
6
5
TOP VIEW
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
1167
1167I
VS = ±15V, VCM = 0V, TA = 25°C, RL = 2k, unless otherwise noted.
LT1167AC/LT1167AI
(Note 1)
Supply Voltage ......................................................
±20V
Differential Input Voltage (Within the
Supply Voltage) .....................................................
±40V
Input Voltage (Equal to Supply Voltage) ................
±20V
Input Current (Note 3) ........................................
±20mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range
LT1167AC/LT1167C (Note 4) .................. 0
°C to 70°C
LT1167AI/LT1167I ............................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.
LT1167C/LT1167I
SYMBOL PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
G
Gain Range
G = 1 + (49.4k/RG)
1
10k
1
10k
Gain Error
G = 1
0.008
0.02
0.015
0.03
%
G = 10 (Note 2)
0.010
0.08
0.020
0.10
%
G = 100 (Note 2)
0.025
0.08
0.030
0.10
%
G = 1000 (Note 2)
0.040
0.10
0.040
0.10
%
Gain Nonlinearity (Note 5)
VO = ±10V, G = 1
1
6
1.5
10
ppm
VO = ±10V, G = 10 and 100
2
10
3
15
ppm
VO = ±10V, G = 1000
15
40
20
60
ppm
VO = ±10V, G = 1, RL = 600
5
12
6
15
ppm
VO = ±10V, G = 10 and 100,
6
15
7
20
ppm
RL = 600
VO = ±10V, G = 1000,
20
65
25
80
ppm
RL = 600
VOST
Total Input Referred Offset Voltage
VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000, VS = ±5V to ±15V
15
40
20
60
µV
VOSO
Output Offset Voltage
G = 1, VS = ±5V to ±15V
40
200
50
300
µV
IOS
Input Offset Current
90
320
100
450
pA
IB
Input Bias Current
50
350
80
500
pA
en
Input Noise Voltage (Note 8)
0.1Hz to 10Hz, G = 1
2.00
2.00
µVP-P
0.1Hz to 10Hz, G = 10
0.50
0.50
µVP-P
0.1Hz to 10Hz, G = 100 and 1000
0.28
0.28
µVP-P
Total RTI Noise =
√eni2 + (eno/G)2 (Note 8)
eni
Input Noise Voltage Density (Note 8)
fO = 1kHz
7.5
12
7.5
12
nV/
√Hz
eno
Output Noise Voltage Density (Note 8) fO = 1kHz (Note 3)
67
90
67
90
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com