Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1177-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1177-5
Description  Isolated MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1177-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1177-5 Datasheet HTML 1Page - Linear Technology LTC1177-5 Datasheet HTML 2Page - Linear Technology LTC1177-5 Datasheet HTML 3Page - Linear Technology LTC1177-5 Datasheet HTML 4Page - Linear Technology LTC1177-5 Datasheet HTML 5Page - Linear Technology LTC1177-5 Datasheet HTML 6Page - Linear Technology LTC1177-5 Datasheet HTML 7Page - Linear Technology LTC1177-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1177-5/LTC1177-12
LTC1177-5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Refer to GND2)
COUT = 1000pF, No Load (N Pkg)
q
6.5
7.5
10
V
COUT = 1000pF, No Load, VIN = 4.75V (N Pkg)
q
5.5
6.5
10
V
COUT = 1000pF, No Load (SW Pkg)
q
7.0
8.0
10
V
COUT = 1000pF, No Load, VIN = 4.75V (SW Pkg)
q
6.0
7.0
10
V
IIN
Input Current
CIN = 1000pF
q
1.0
1.5
mA
ILIM
Current Limit
RSENSE = 1Ω (LTC1177C-5)
q
400
620
800
mA
RSENSE = 1Ω (LTC1177I-5)
q
350
620
900
mA
tON
Turn-On Time
COUT = 1000pF, No Load (LTC1177C-5)
q
1.0
4.0
ms
COUT = 1000pF, No Load (LTC1177I-5)
q
1.0
4.5
ms
tOFF
Turn-Off Time
COUT = 1000pF, No Load
q
1.0
1.8
ms
VISO
Isolation Voltage
1 Minute (Note 1)
2500
VRMS
1 Second
3000
VRMS
tCM
Common Mode Slew Rate
VOUT < 1.5, COUT= 1000pF
1000
V/
µs
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Voltages
VIN (LTC1177-5) ....................... 6V to (GND1 – 0.3V)
VIN (LTC1177-12) ................ 13.2V to (GND1 – 0.3V)
Sense (LTC1177-5) ................... 6V to (GND2 – 0.3V)
Sense (LTC1177-12) .............. 12V to (GND2 – 0.3V)
Output Voltages .......................... 12V to (GND2 – 0.3V)
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range .................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 110°C/ W
LTC1177CN-5
LTC1177CN-12
LTC1177IN-5
LTC1177IN-12
Consult factory for Military grade parts.
VIN = 5V, TA = 25°C, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
7
8
9
TOP VIEW
N PACKAGE
18-LEAD PDIP ISOLATION BARRIER
12
11
10
NC
NC
OUT
NC
GND2
SENSE
ISOLATION
BARRIER
GND1
VIN
18
1
LTC1177CSW-5
LTC1177CSW-12
LTC1177ISW-5
LTC1177ISW-12
TJMAX = 125°C, θJA = 125°C/ W
11
12
13
14
TOP VIEW
SW PACKAGE
28-LEAD PLASTIC SO WIDE
ISOLATION BARRIER
18
17
16
15
NC
NC
OUT
NC
NC
GND2
SENSE
NC
NC
GND1
NC
NC
NC
VIN
NC
NC
28
27
26
25
1
2
3
4
ISOLATION
BARRIER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com