Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF33478 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCF33478
Description  3-Phase Inverter Automotive Power Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCF33478 Datasheet(HTML) 2 Page - ON Semiconductor

  PCF33478 Datasheet HTML 1Page - ON Semiconductor PCF33478 Datasheet HTML 2Page - ON Semiconductor PCF33478 Datasheet HTML 3Page - ON Semiconductor PCF33478 Datasheet HTML 4Page - ON Semiconductor PCF33478 Datasheet HTML 5Page - ON Semiconductor PCF33478 Datasheet HTML 6Page - ON Semiconductor PCF33478 Datasheet HTML 7Page - ON Semiconductor PCF33478 Datasheet HTML 8Page - ON Semiconductor PCF33478 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FTCO3V455A1
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TJ = 25_C, Unless Otherwise Specified)
Symbol
Parameter
Rating
Unit
VDS(Q1~Q6)
Drain to Source Voltage
40
V
VGS(Q1~Q6)
Gate to Source Voltage
±20
V
ID(Q1~Q6)
Drain Current Continuous (TC = 25_C, VGS = 10 V)
150
A
EAS(Q1~Q6)
Single Pulse Avalanche Energy (Note 1)
947
mJ
PD
Power Dissipation
115
W
TJ
Maximum Junction Temperature
175
_C
TSTG
Storage Temperature
125
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rthjc
Thermal Resistance
Junction to case,
Single Inverter FET,
chip center
(Note 2)
Q1 Thermal Resistance J −C
−
0.8
1.1
_C/W
Q2 Thermal Resistance J −C
−
0.8
1.1
_C/W
Q3 Thermal Resistance J −C
−
0.8
1.1
_C/W
Q4 Thermal Resistance J −C
−
0.8
1.1
_C/W
Q5 Thermal Resistance J −C
−
0.8
1.1
_C/W
Q6 Thermal Resistance J −C
−
0.8
1.1
_C/W
TJ
Maximum Junction Temperature
−
175
_C
TS
Operating Sink Temperature
−40
120
_C
TSTG
Storage Temperature
−40
125
_C
1. Starting TJ = 25_C, VDS = 20 V, IAS = 64 A, L = 480 mH.
2. These values are based on Thermal simulations and PV level measurements.
These values assume a single MOSFET is on, and the test condition for referenced temperature is “Chip Center”.
This means that the DT is measured between the TJ of each MOSFET and the temperature of the case located immediately under the center
of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com